Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2SB852 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SB852
Descripción Electrónicos  High-gain Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB852 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB852 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB852 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Transistors
2
www.kexin.com.cn
■ Typlacl Characteristics
2SB852
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta (
°C)
Fig.1 Power dissipation curves
0
25
50
75
100
125
−0.4
−0.8
−1.2
−1.6
−2.0
−2.4
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.2 Ground emitter propagation characteristisc
0
−2
−5
−10
−20
−50
−100
−200
−500 V
CE
= −6V
0
−1
−20
−40
−60
−80
−100
−2
−3
−4
−5
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.3 Ground emitter output characteristics
0
Ta=25
°C
IB=0
−2µA
−3µA
−4µA
−5µA
−6µA
−7µA
−8µA
−9µA
−10µA
−2
−5 −10 −20
−50 −100 −200
−500 −1000 −2000
100000
20000
10000
2000
1000
200
100
500
5000
50000
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current (
Ι )
Ta=25
°C
VCE=
−3V
−5V
−5 −10 −20
−50 −100 −200
−500 −1000 −2000
20000
10000
2000
1000
500
5000
50000
COLLECTOR CURRENT : IC (mA)
Fig.5 DC current gain vs. collector current (
ΙΙ )
VCE=
−5V
Ta=100
°C
25°
C
−55
°C
−5
−10 −20
−50 −100 −200
−500 −1000
−0.1
−0.2
−0.5
−1
−2
−5
−10
−20
COLLECTOR CURRENT : IC (mA)
Fig.6 Collector-emitter saturation voltage
vs. collector current
IC/IB=500
Ta=
−55°C
100
°C
25
°C
1
2
5
10
20
50
100 200
50
100
200
500
1000
2000
5000
10000
EMITTER CURRENT : IE (mA)
Fig.7 Gain bandwidth product vs. emitter current
VCE=
−5V
Ta=25
°C
−1
−2
−5
−10
−20
−50
1
2
5
10
20
50
100
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.8 Collector output capacitance
vs. collector-base voltage
f=1MHz
IE=0A
Ta=25
°C
−1
−2
−5
−10
1
2
5
10
20
EMITTER TO BASE VOLTAGE : VEB (V)
Fig.9 Emitter input capacitance
vs. emitter-base voltage
f=1MHz
IE=0A
Ta=25
°C



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com