Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74LVCZ161284A Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza 74LVCZ161284A
Descripción Electrónicos  LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVCZ161284A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 74LVCZ161284A Datasheet HTML 4Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 5Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 6Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 7Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 8Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 9Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 10Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 11Page - STMicroelectronics 74LVCZ161284A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
74LVCZ161284A
11/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
8.7
8.9
0.343
0.350
Bo
13.1
13.3
0.516
0.524
Ko
1.5
1.7
0.059
0.067
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TSSOP48 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12