Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GPES203B Datasheet(PDF) 6 Page - Generalplus Technology Inc.

No. de pieza GPES203B
Descripción Electrónicos  Easy-to-use SOUNDPLUS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENERALPLUS [Generalplus Technology Inc.]
Página de inicio  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPES203B Datasheet(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPES203B Datasheet HTML 2Page - Generalplus Technology Inc. GPES203B Datasheet HTML 3Page - Generalplus Technology Inc. GPES203B Datasheet HTML 4Page - Generalplus Technology Inc. GPES203B Datasheet HTML 5Page - Generalplus Technology Inc. GPES203B Datasheet HTML 6Page - Generalplus Technology Inc. GPES203B Datasheet HTML 7Page - Generalplus Technology Inc. GPES203B Datasheet HTML 8Page - Generalplus Technology Inc. GPES203B Datasheet HTML 9Page - Generalplus Technology Inc. GPES203B Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
GPES203B
© Generalplus Technology Inc.
Proprietary & Confidential
6
JAN. 05, 2009
Version: 1.1
5.3.2. Entry point (Label)
The essence utilized in GPES II program is the ENTRY POINT.
Each trigger pin is assigned an entry point.
Programmers can
also define a label (ID) for an entry point.
A label can be the
combinations of number and character, but not underscore.
In
addition, a label cannot start with a number.
Example
SpeechLoop:
Sound1+Sound2
JP
SpeechLoop
When a pin is triggered, the program jumps to its corresponding
entry point and starts executing.
The entry points are fixed
numbers.
For instance, “0” is the entry point of TG1 when 1
0.
“1” is the entry point of TG2 when 1
0.
Programmers can
either use Entry Point ID or Entry Point Abbreviator to express an
entry point.
A summary of entry point for each trigger pin is as
follows:
Entry Point
Entry Point Abbreviator
Status
32
POI
Power on initialization
0
TG1F
TG1 1
0 (falling)
1
TG2F
TG2 1
0 (falling)
2
TG3F
TG3 1
0 (falling)
3
TG4F
TG4 1
0 (falling)
4
TG1R
TG1 0
1 (rising)
5
TG2R
TG2 0
1 (rising)
6
TG3R
TG3 0
1 (rising)
7
TG4R
TG4 0
1 (rising)
8 - 254
(except 32)
User-Defined entry point
or label
User-Defined
255
Timer event
User-Defined
Example:
An example is introduced here.
Also, all words after semi-colon
(;) are for comments only.
SPES203B
;body defined
EXT_CLK_4M
POI:
LD
EN, 0x00
(4000)_3
LD
EN, 0x 03
;enable TG1 falling and
;TG2 falling
END
TG1F:
Sound1
;when TG1 changes from
;1
0 (High
Low),
;sound1 is played
END
;Sleep
TG2F:
Sound2
;when TG2 changes from
;1
0, sound2 is played
END
;Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com