Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EMF20B02V Datasheet(PDF) 2 Page - Excelliance MOS Corp.

No. de pieza EMF20B02V
Descripción Electrónicos  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXCELLIANCE [Excelliance MOS Corp.]
Página de inicio  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF20B02V Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EMF20B02V Datasheet HTML 1Page - Excelliance MOS Corp. EMF20B02V Datasheet HTML 2Page - Excelliance MOS Corp. EMF20B02V Datasheet HTML 3Page - Excelliance MOS Corp. EMF20B02V Datasheet HTML 4Page - Excelliance MOS Corp. EMF20B02V Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
2013/1/10 
p.2 
EMF20B02V
ELECTRICAL CHARACTERISTICS (TA = 25 °C, Unless Otherwise Noted) 
PARAMETER 
SYMBOL
TEST CONDITIONS 
LIMITS 
UNIT
MIN  TYP
MAX
STATIC 
Drain‐Source Breakdown Voltage 
V(BR)DSS 
VGS = 0V, I= ‐250A 
‐20  
 
Gate Threshold Voltage 
VGS(th) 
VDS = VGS, ID = ‐250A 
‐0.4 ‐0.75
‐1.2
Gate‐Body Leakage 
IGSS 
VDS = 0V, VGS = ±12V  
 
±100
nA
Zero Gate Voltage Drain Current 
IDSS 
VDS = ‐16V, VGS = 0V  
 
‐1 
A
VDS = ‐12V, VGS = 0V, TJ = 125 °C  
 
‐10 
On‐State Drain Current
1 
ID(ON) 
VDS = ‐5V, VGS = ‐4.5V ‐8.5  
 
Drain‐Source On‐State Resistance
1 
RDS(ON) 
VGS = ‐4.5V, ID = ‐8.5A  
15
20 
VGS = ‐2.5V, ID = ‐4.5A  
19
25 
VGS = ‐1.8V, ID = ‐2.5A  
26
40 
Forward Transconductance
1 
gfs 
VDS = ‐5V, ID = ‐8.5A  
22
 
DYNAMIC 
Input Capacitance 
Ciss  
VGS = 0V, VDS = ‐10V, f = 1MHz 
 
3050
 
pF
Output Capacitance 
Coss  
460
 
Reverse Transfer Capacitance  
Crss  
410
 
Total Gate Charge
1,2 
Qg(VGS=‐4.5V)
 
VDS = ‐10V, VGS = ‐4.5V, 
ID = ‐8.5A 
 
27
 
nC
Qg(VGS=‐2.5V)
 
16.5
 
Gate‐Source Charge
1,2 
Qgs  
2.2
 
Gate‐Drain Charge
1,2 
Qgd  
6.8
 
Turn‐On Delay Time
1,2 
td(on)  
 
20
 
nS
Rise Time
1,2 
tr 
VDS = ‐10V,  
 
50
 
Turn‐Off Delay Time
1,2 
td(off) 
ID = ‐1A, VGS = ‐4.5V, RGS = 6Ω 
 
90
 
Fall Time
1,2 
tf  
 
60
 
SOURCE‐DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C) 
Continuous Current 
IS  
 
 
‐2.3
Pulsed Current
3 
ISM  
 
 
‐9.2
Forward Voltage
1 
VSD 
IF = IS, VGS = 0V  
 
‐1.2
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%. 
2Independent of operating temperature. 
3Pulse width limited by maximum junction temperature. 



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com