Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GPR25L021B Datasheet(PDF) 4 Page - Generalplus Technology Inc.

No. de pieza GPR25L021B
Descripción Electrónicos  2M-Bit [x1/x2] CMOS Serial Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENERALPLUS [Generalplus Technology Inc.]
Página de inicio  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L021B Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPR25L021B Datasheet HTML 1Page - Generalplus Technology Inc. GPR25L021B Datasheet HTML 2Page - Generalplus Technology Inc. GPR25L021B Datasheet HTML 3Page - Generalplus Technology Inc. GPR25L021B Datasheet HTML 4Page - Generalplus Technology Inc. GPR25L021B Datasheet HTML 5Page - Generalplus Technology Inc. GPR25L021B Datasheet HTML 6Page - Generalplus Technology Inc. GPR25L021B Datasheet HTML 7Page - Generalplus Technology Inc. GPR25L021B Datasheet HTML 8Page - Generalplus Technology Inc. GPR25L021B Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
GPR25L021B
© Generalplus Technology Inc.
Proprietary & Confidential
4
May 03, 2011
Version: 1.1
2M-BIT [x1/x2] CMOS SERIAL FLASH
1. FEATURES
1.1. General
Serial Peripheral Interface compatible -- Mode 0 and Mode 3
2,097,152 x 1 bit structure or 1,048,576 x 2 bits (Dual Output
mode) structure
64 Equal Sectors with 4K byte each
- Any Sector can be erased individually
4 Equal Blocks with 64K byte each
- Any Block can be erased individually
Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
Latch-up protected to 100mA from -1V to VCC +1V
GPR25L021B is compatible with MX25L2006E
1.2. Performance
High Performance
- Fast access time: 86MHz serial clock
- Serial clock of Dual Output mode: 80MHz
- Fast program time: 1.4ms(typ.) and 5ms(max.)/page
- Byte program time: 9us
- Fast erase time: 60ms(typ.)/sector (4K-byte per sector) ;
0.7s(typ.)/block (64K-byte per block)
Low Power Consumption
- Low active read current: 12mA(max.) at 86MHz and
4mA(max.) at 33MHz
- Low active programming current: 20mA (max.)
- Low active erase current: 20mA (max.)
- Low standby current: 25uA (max.)
- Deep power-down mode 5uA (typ.)
Minimum 100,000 erase/program cycles
20 years data retention
1.3. Software Features
Input Data Format
- 1-byte Command code
Block Lock protection
- The BP0~BP1 status bit defines the size of the area to be
software protected against Program and Erase instructions
Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected sector
- Automatically programs and verifies data at selected page
by an internal algorithm that automatically times the
program pulse widths (Any page to be programmed should
have page in the erased state first)
Status Register Feature
Electronic Identification
- JEDEC 2-byte Device ID
- RES command, 1-byte Device ID
1.4. Hardware Features
PACKAGE
- 8-pin SOP (150mil)
- RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com