Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STLR4200 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza STLR4200
Descripción Electrónicos  USB/lrDA Bridge Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

STLR4200 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STLR4200 Datasheet HTML 5Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 6Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 7Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 8Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 9Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 10Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 11Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 12Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
3-4200-D1-2.0-0403
9
STIr4200
USB/IrDA Bridge Controller
OFFICIAL
PRODUCT
DOCUMENTA TI ON
4.4.
Digital IR Transceiver
The Digital IR Transceiver is responsible for driving the transmit diode and receiving
the digital input from an analog IR front end. The primary components are the trans-
mit modulator, the receive demodulator, the FIFO, the analog transmit section, and
the register array. Figure 3 shows a block diagram of the Digital IR Transceiver. By
programming the registers in the register array, the device’s operation is deter-
mined. Various registers are used to specify operations such as the modulation
scheme, the baud rate, the current frame size in the FIFO, the RX input selection,
etc. The FIFO is 4K bytes in size.
In steady state transmit operation, the USB controller is filling the FIFO with data
while the Digital IR Transceiver is emptying it via the transmit modulator. In steady
state receive operation, the USB controller is emptying the FIFO while the RX
demodulator is filling the FIFO.
4.5.
FIFO Contents
Data sent to the USB controller for transmission by the TX modulator must be orga-
nized into frames. An IrLAP frame is made up of the following portions:
The NDIS IR stack only provides the A, C, and I fields to the NDIS mini-port device
driver that communicates with the USB/IrDA transceiver. Hence, the mini-port must
fill in the BOF, FCS, and EOF fields. Additionally, the driver must add a 2-byte
header ID code and a 2-byte frame size to the packet before passing the packet
onto the USB stack for delivery to the USB/IrDA transceiver. There are additional
special characters and required escape sequences depending upon the rate of
transfer. Details on the frame format for each of the support rates is discussed in the
following sections.
BOF
A
C
IFCS
EOF
BOF
Beginning of frame(s)
A
Address field
C
Control field
I
Information field
FCS
Frame check sequence (CRC)
EOF
End of frame
Table 9. IrLAP Frame
TX Modulator
(ASK, IrDA FIR,MIR,SIR)
RX Demodulator
(ASK, IrDA FIR,MIR,SIR)
FIFO
Register Array
Analog TX
Section
RXSLOW
RXFAST
TXDIODE
TXDATA
Figure 3. Block Diagram of Digital IR Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com