Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PG1M-3LXP-3SC Datasheet(PDF) 8 Page - Elite Enterprises (H.K.) Co., Ltd.

No. de pieza PG1M-3LXP-3SC
Descripción Electrónicos  9W Power LED Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Página de inicio  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

PG1M-3LXP-3SC Datasheet(HTML) 8 Page - Elite Enterprises (H.K.) Co., Ltd.

Back Button PG1M-3LXP-3SC Datasheet HTML 4Page - Elite Enterprises (H.K.) Co., Ltd. PG1M-3LXP-3SC Datasheet HTML 5Page - Elite Enterprises (H.K.) Co., Ltd. PG1M-3LXP-3SC Datasheet HTML 6Page - Elite Enterprises (H.K.) Co., Ltd. PG1M-3LXP-3SC Datasheet HTML 7Page - Elite Enterprises (H.K.) Co., Ltd. PG1M-3LXP-3SC Datasheet HTML 8Page - Elite Enterprises (H.K.) Co., Ltd. PG1M-3LXP-3SC Datasheet HTML 9Page - Elite Enterprises (H.K.) Co., Ltd. PG1M-3LXP-3SC Datasheet HTML 10Page - Elite Enterprises (H.K.) Co., Ltd. PG1M-3LXP-3SC Datasheet HTML 11Page - Elite Enterprises (H.K.) Co., Ltd. PG1M-3LXP-3SC Datasheet HTML 12Page - Elite Enterprises (H.K.) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Dominant Wavelength Bin Structure
A
1
2
3
A
1
2
3
2
4
6
7
2
4
ProLight maintains a tolerance of ± 1nm for dominant wavelength measurements.
Note: Although several bins are outlined, product availability in a particular bin varies by production run
and by product performance. Not all bins are available in all colors.
Minimum Dominant
Maximum Dominant
Bin Code
Color
620.5
631.0
613.5
620.5
594.5
589.5
592.0
594.5
597.0
587.0
589.5
592.0
475
470
455
460
465
460
465
470
525
530
535
525
530
8
Wavelength (nm)
Wavelength (nm)
Amber
Red
Blue
Green
515
520
520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com