Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TFN-3S Datasheet(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

No. de pieza TFN-3S
Descripción Electrónicos  OFF DELAY TIMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FOTEK [FOTEK CONTROLS CO., LTD.]
Página de inicio  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

TFN-3S Datasheet(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  TFN-3S Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
Item
Data
12V or 24 VAC/DC or
Power Supply
110V or230V or 380VAC 50/60Hz
Wattage
3VA max.
Control Output
Relay < 1C >
Repetitive
0.5% of F.S.
Setting Accuracy
5.0% of F.S.
Reset Time
0.1sec Max.
Insulation Strength
100M
/ 500 VDC
Dielectric Strength
2.5 KV / 1 Min.
5
Life of Relay
20 X 10 Times
Circumstance
-20 C~+60 C, 35~85%RH
TFN -
TFY -
H3-TF -
H5B-TF -
Outline
50x60
40x50
48x48
Model
TFN -
H3-TF -
H5B-TF -
Figure
Range
3S, 6S, 10S, 30S, 60S, 3M
Contact Rated
5A/250VAC
1A/250VAC
5A/250VAC
Weight


Número de pieza similar - TFN-3S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
TFN01C COOPER-TFN01C Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
TFN02C COOPER-TFN02C Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
HellermannTyton.
TFN31-ST-9/3 BK HELLERMANNTYTON-TFN31-ST-9/3 BK Datasheet
63Kb / 2P
Heat Shrink Tubing, 4FT-Stick, 3:1, 3/8", 9.5/3.0 dia., Polyolefin, Black, 15/pkg
More results

Descripción similar - TFN-3S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LSI Computer Systems
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
Texas Instruments
BQ771800 TI1-BQ771800_16 Datasheet
875Kb / 23P
Internal Delay Timer
logo
PHOENIX CONTACT
ETD-BL-1T-OFF-CC-10S PHOENIX-ETD-BL-1T-OFF-CC-10S Datasheet
157Kb / 8P
Timer relay with off delay (with control contact) and adjustable time
2901485 PHOENIX-2901485 Datasheet
156Kb / 8P
Timer relay with off delay (with control contact) and adjustable time
2901486 PHOENIX-2901486 Datasheet
156Kb / 8P
Timer relay with off delay (with control contact) and adjustable time
logo
Littelfuse
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com