| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GD25LE256DFJS Datasheet(PDF) 16 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE256DFJS Datasheet(HTML) 16 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
16 / 83 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE256D 16 NOTE: 1. Dual Output data IO0 = (D6, D4, D2, D0) IO1 = (D7, D5, D3, D1) 2. Dual Input Address IO0 = A22, A20, A18, A16, A14, A12, A10, A8 A6, A4, A2, A0, M6, M4, M2, M0 IO1 = A23, A21, A19, A17, A15, A13, A11, A9 A7, A5, A3, A1, M7, M5, M3, M1 3. Quad Output Data IO0 = (D4, D0, …..) IO1 = (D5, D1, …..) IO2 = (D6, D2, …..) IO3 = (D7, D3,…..) 4. Quad Input Address IO0 = A20, A16, A12, A8, A4, A0, M4, M0 IO1 = A21, A17, A13, A9, A5, A1, M5, M1 IO2 = A22, A18, A14, A10, A6, A2, M6, M2 IO3 = A23, A19, A15, A11, A7, A3, M7, M3 5. Fast Read Quad I/O Data IO0 = (x, x, x, x, D4, D0,…) IO1 = (x, x, x, x, D5, D1,…) IO2 = (x, x, x, x, D6, D2,…) IO3 = (x, x, x, x, D7, D3,…) 6. Fast Word Read Quad I/O Data IO0 = (x, x, D4, D0,…) IO1 = (x, x, D5, D1,…) IO2 = (x, x, D6, D2,…) IO3 = (x, x, D7, D3,…) 7. Fast Word Read Quad I/O Data: the lowest address bit must be 0. 8. Security Registers Address: Security Register2: A23-A16=00H, A15-A10=001000b, A9-A0=Byte Address; Security Register3: A23-A16=00H, A15-A10=001100b, A9-A0=Byte Address. 9. QPI Command, Address, Data input/output format: CLK #0 1 2 3 4 5 6 7 8 9 10 11 IO0= C4, C0, A20, A16, A12, A8, A4, A0, D4, D0, D4, D0, IO1= C5, C1, A21, A17, A13, A9, A5, A1, D5, D1, D5, D1 IO2= C6, C2, A22, A18, A14, A10, A6, A2, D6, D2, D6, D2 IO3= C7, C3, A23, A19, A15, A11, A7, A3, D7, D3, D7, D3 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |