| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GD25Q256DFES Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25Q256DFES Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
10 / 89 page ![]() 3.3V Uniform Sector Dual and Quad Serial Flash GD25Q256D 10 RESET The RESET# pin allows the device to be reset by the control. The HOLD#/RESET#(IO3) pin can be configured as a RESET# pin depending on the status register setting, which need QE=0 and HOLD/RST=1. For Special Order of the SOP16 and TFBGA packages, a dedicated RESET# pin is provided and it is independent of QE bit setting. The RESET# pin goes low for a period of tRLRH or longer will reset the flash. After reset cycle, the flash is at the following states: -Standby mode -All the volatile bits will return to the default status as power on. Figure 4 RESET Condition CS# RESET# RESET |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |