Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M95320-BN3 Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza M95320-BN3
Descripción Electrónicos  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-BN3 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M95320-BN3 Datasheet HTML 23Page - STMicroelectronics M95320-BN3 Datasheet HTML 24Page - STMicroelectronics M95320-BN3 Datasheet HTML 25Page - STMicroelectronics M95320-BN3 Datasheet HTML 26Page - STMicroelectronics M95320-BN3 Datasheet HTML 27Page - STMicroelectronics M95320-BN3 Datasheet HTML 28Page - STMicroelectronics M95320-BN3 Datasheet HTML 29Page - STMicroelectronics M95320-BN3 Datasheet HTML 30Page - STMicroelectronics M95320-BN3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
27/42
M95640, M95320
Table 20. DC Characteristics (M95320-R and M95640-R)
Note: 1. This product is under qualification. For more information, please contact your nearest ST sales office.
2. Preliminary data.
Table 21. DC Characteristics (M95320-S and M95640-S)
Note: 1. This product is under qualification. For more information, please contact your nearest ST sales office.
2. Preliminary data.
Symbol
Parameter
Test Condition
Min.1,2
Max.1,2
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 1
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 1
µA
ICC
Supply Current
C = 0.1VCC/0.9VCC at 5MHz,
VCC = 1.8 V, Q = open
3mA
ICC1
Supply Current (Standby)
S = VCC, VIN = VSS or VCC, VCC = 1.8V
1µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 0.15 mA, VCC = 1.8 V
0.3
V
VOH
Output High Voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
V
Symbol
Parameter
Test Condition
Min.1,2
Max.1,2
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 1
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 1
µA
ICC
Supply Current
C = 0.1VCC/0.9VCC at 2MHz,
VCC = 1.65 V, Q = open
1mA
ICC1
Supply Current (Standby)
S = VCC, VIN = VSS or VCC, VCC = 1.65V
1µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 0.15 mA, VCC = 1.65V
0.3
V
VOH
Output High Voltage
IOH = –0.1 mA, VCC = 1.65V
0.8 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com