Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SD9057 Datasheet(PDF) 9 Page - SHOUDING Shouding Semiconductor

No. de pieza SD9057
Descripción Electrónicos  Linear Li-Lon Battery Charger High Accuracy
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHOUDING [SHOUDING Shouding Semiconductor]
Página de inicio  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD9057 Datasheet(HTML) 9 Page - SHOUDING Shouding Semiconductor

Back Button SD9057 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD9057 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD9057 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD9057 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD9057 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD9057 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD9057 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD9057 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor SD9057 Datasheet HTML 10Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ng capacitor. The SD9057 works with both
The SD9057 does not require any output capacitor for
oltage-regulation phase. The SD9057 declares a
The SD9057 monitors the charging current during the v
The SD9057 is offered 8.4V output voltage.
9
Charge Termination Recharge
done condition and terminates charge when the current drops to the charge termination threshold, ITERM.
A new charge cycle begins when the battery voltage falls below the VRCH threshold.
Battery Temperature Monitoring
A negative temperature coefficient (NTC) thermistor located close to the battery pack can be used to
monitor battery temperature and will not allow charging unless the battery temperature is within an
acceptable range.
Connect a 10k
Ω thermistor from the TS pin to ground. With the 85µA pull-up current source, the hot
temperature voltage threshold is 485mV. For cold temperature, the voltage threshold is set at 2.486V
with 85µA of pull-up current. The charge cycle begins or resumes once the temperature is within the
acceptable range.
Reverse Blocking Protection
The optional reverse-blocking protection diode, depicted in Figure1 provides protection from a faulted or
shorted input, or from a reversed-polarity input source. Without the protection diode, a faulted of shorted
input would discharge the battery pack through the body diode of the external pass transistor.
If a reverse-protection diode is incorporated in the design, it should be chosen to handle the fast charge
current continuously at the maximum ambient temperature. In addition, the reverse-leakage current of
the diode should be kept as small as possible.
Selecting Input Capacitor
In most applications, all that is high-frequency decoupli
regulated an unregulated external dc supplies. If a non-regulated supply is chosen, the supply voltage to
the minimum required input voltage at maximum load. If not, more capacitance must be added to the
input of the charger.
Selecting Output Capacitor
loop stability. In order to maintain good AC
stability in constant Voltage mode, a minimum capacitance of 10uF is recommenced to bypass the BAT
pin to GND. This capacitance provides compensation when there is no battery load. In addition, the
battery and interconnections appear inductive at high frequencies. These elements are in the control
feedback loop during Constant Voltage mode. Therefore, the bypass capacitance may be necessary to
compensate for the inductive nature of the battery pack.
Virtually any good quality output filter capacitor can be used, independent of the capacitor’s minimum
ESR (Effective Series Resistance) value. The actual value of the capacitor and its associated ESR
depends on the forward transconductance (gm) and capacitance of the external pass transistor. A 10uF
tantalum or aluminum electrolytic capacitor at the output is usually sufficient to ensure stability for up to
a 1A output current.
SD9057
Linear Li-Lon Battery Charger High Accuracy
Shouding
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com