Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2304 Datasheet(PDF) 2 Page - KIA Semiconductor Technology

No. de pieza 2304
Descripción Electrónicos  2.5A竊?30V N-CHANNEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KIA [KIA Semiconductor Technology]
Página de inicio  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

2304 Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  2304 Datasheet HTML 1Page - KIA Semiconductor Technology 2304 Datasheet HTML 2Page - KIA Semiconductor Technology 2304 Datasheet HTML 3Page - KIA Semiconductor Technology 2304 Datasheet HTML 4Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.5A, 30V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
2304
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Electrical characteristics
(TA=25°C,unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Static
Drain-source breakdown voltage
V(BR)DSS
VDS=0V,ID=250
μA
30
-
-
V
Gate threshold voltage
VGS(th)
VDS=VGS,ID=250μA
1
-
-
V
Gate- body leakage
IGSS
VGS=+12V,VDS=0V
-
-
+100
nA
Zero gate voltage drain current
IDSS
VDS=25V,VGS=0V
-
-
1
μA
On-state drain current a
ID(on)
VDS>4.5V,VGS=10V
6
-
-
A
VDS>4.5V,VGS=4.5V
4
-
-
Static drain-source on-resistance a
RDS(on)
VGS=10V,ID=2.5A
-
-
0.055
Ω
VGS=4.5V,ID=2.0A
-
-
0.080
Forward transconductance a
gfs
VDS=4.5V,ID=2.5A
-
4.8
-
S
Diode forward voltage
VSD
VGS=0V,IS=1.25A
-
0.77
1.2
V
Dynamicb
Total gate charge
Qg
VDS=15V,
VGS=5V,ID=2.5A
-
2.4
4
nC
Total gate charge
Qgt
VDS=15V,VGS=10V
ID=2.5A
4.5
10
Gate-source charge
Qgs
-
0.8
Gate-drain charge
Qgd
-
1.0
-
Input capacitance
Ciss
VDS=15V,VGS=0V,
f=1MHz
-
240
-
pF
Output capacitance
Coss
-
110
-
Reverse transfer capacitance
Crss
-
17
-
Switching
Turn-on delay time
td(on)
VDD=15V,ID =1A,
RL=15Ω,RG=6Ω,
VGEN=10V
-
8
20
ns
Rise time
tr
-
12
30
Turn-off delay time
td(off)
-
17
35
Fall time
tf
-
8
20
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width<300
μs, duty cycle<2%.
2 of4
Rev 1.1 JAN 2014



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com