Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M95640-RMB3TP Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza M95640-RMB3TP
Descripción Electrónicos  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RMB3TP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M95640-RMB3TP Datasheet HTML 9Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 10Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 11Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 12Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 13Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 14Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 15Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 16Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13/42
M95640, M95320
INSTRUCTIONS
Each instruction starts with a single-byte code, as
summarized in Table 6..
If an invalid instruction is sent (one not contained
in Table 6.), the device automatically deselects it-
self.
Table 6. Instruction Set
Instruc
tion
Description
Instruction
Format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42