| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SVRSA2805S/K Datasheet(PDF) 12 Page - VPT, Inc. |
|
|
|||||||||||||||||||||||||||||
SVRSA2805S/K Datasheet(HTML) 12 Page - VPT, Inc. |
|
12 / 14 page ![]() Sales Information Phone:(425) 353-3010 Fax: (425) 353-4030 SVRSA2800S – 4.0 E-mail: vptsales@vptpower.com Web: www.vptpower.com Page 12 SVRSA2800S Series 8.0 STANDARD MICROCIRCUIT DRAWING (SMD) NUMBERS Standard Microcircuit Drawing Number SVRSA2800S Series Similar Part Number 5962R1521701HXC 5962R1521701HXA 5962R1521701HYC 5962R1521701HYA 5962R1521701KXC 5962R1521701KXA 5962R1521701KYC 5962R1521701KYA SVRSA283R3S/H+ SVRSA283R3S/H+-E SVRSA283R3SF/H+ SVRSA283R3SF/H+-E SVRSA283R3S/K SVRSA283R3S/K-E SVRSA283R3SF/K SVRSA283R3SF/K-E 5962R1521702HXC 5962R1521702HXA 5962R1521702HYC 5962R1521702HYA 5962R1521702KXC 5962R1521702KXA 5962R1521702KYC 5962R1521702KYA SVRSA2805S/H+ SVRSA2805S/H+-E SVRSA2805SF/H+ SVRSA2805SF/H+-E SVRSA2805S/K SVRSA2805S/K-E SVRSA2805SF/K SVRSA2805SF/K-E 5962R1521703HXC 5962R1521703HXA 5962R1521703HYC 5962R1521703HYA 5962R1521703KXC 5962R1521703KXA 5962R1521703KYC 5962R1521703KYA SVRSA2812S/H+ SVRSA2812S/H+-E SVRSA2812SF/H+ SVRSA2812SF/H+-E SVRSA2812S/K SVRSA2812S/K-E SVRSA2812SF/K SVRSA2812SF/K-E 5962R1521704HXC 5962R1521704HXA 5962R1521704HYC 5962R1521704HYA 5962R1521704KXC 5962R1521704KXA 5962R1521704KYC 5962R1521704KYA SVRSA2815S/H+ SVRSA2815S/H+-E SVRSA2815SF/H+ SVRSA2815SF/H+-E SVRSA2815S/K SVRSA2815S/K-E SVRSA2815SF/K SVRSA2815SF/K-E Do not use the SVRSA2800S Series similar part number for SMD product acquisition. It is listed for reference only. For exact specifications for the SMD product, refer to the SMD drawing. SMDs can be downloaded from the DLA Land and Maritime (Previously known as DSCC) website at https://landandmaritimeapps.dla.mil/programs/defaultapps.asp. The SMD number listed above represents the Federal Stock Class, Device Type, Device Class Designator, Case Outline, Lead Finish and RHA Designator (where applicable). Please reference the SMD for other screening levels, lead finishes, and radiation levels. All SMD products are marked with a “Q” on the cover as specified by the QML certification mark requirement of MIL-PRF-38534. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |