Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ES251 Datasheet(PDF) 1 Page - Cyrustek corporation

No. de pieza ES251
Descripción Electrónicos  2000 Counts DMM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES251 Datasheet(HTML) 1 Page - Cyrustek corporation

  ES251 Datasheet HTML 1Page - Cyrustek corporation ES251 Datasheet HTML 2Page - Cyrustek corporation ES251 Datasheet HTML 3Page - Cyrustek corporation ES251 Datasheet HTML 4Page - Cyrustek corporation ES251 Datasheet HTML 5Page - Cyrustek corporation ES251 Datasheet HTML 6Page - Cyrustek corporation ES251 Datasheet HTML 7Page - Cyrustek corporation ES251 Datasheet HTML 8Page - Cyrustek corporation ES251 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
V 1.2
1
2016/04/27
ES251
2000 Counts DMM
Features
2,000 counts LCD display
LQFP 100L package
3V DC power supply
ADC Conversion rate : 3 times/s
Full automatic measurement
* Voltage measurement : 200.0mV, 2.000V – 1000V
* Current measurement :
μA/mA/A
* Resistance measurement :
20.00
Ω – 200.0MΩ
* Capacitance measurement :
2.000nF – 20.00mF
( Taiwan patent no.: 323347, 453443 )
* Not contact AC electric field detection
* Frequency counter : 200.0Hz – 20.00MHz
Diode measurement & continuity check
AC/DC voltage scan mode (support LoZ)
Hazardous AC/DC voltage (HV) indication
(Taiwan patent no.: 517823)
4 ADP modes with external reference voltage and
independent “ADP” user-defined segment on LCD
Temperature mode with internal scale translation
circuit from
0C to 0F
K-type thermocouple reference table compensation
(-200 ~ 1350
oC range)
Push function :
* MAX/MIN/REL function
* Zero function: DCA clampmeter only
* Back Light function
* KEY function
* Data Hold & RS232 output function
* Range change function
Band-gap reference voltage output
Semi-auto calibration operation
(Taiwan patent no.: 367334)
Voltage overflow selection ( DC / AC : 1010V, DC /
AC : 610V)
LCD segment check when power on
Auto power off ( 30min / 15min )
Sleep state indicative signal output
Re-power on
On-chip buzzer driver
Low battery detection
Description
ES251 is an integrated analog-to-digital converter
with 2,000-count LCD, automatic range selection,
and 3V DC power supply. Automatic range
selection is provided for ACV/DCV measurement,
resistance measurement, current measurement,
capacitance measurement, and frequency counter.
Expensive and bulky mechanical range switches
are not required. Other features include relative
value display, offset removing feature for DCA
clamp
mode,
data
holding,
maximum
and
minimum
value
holding,
detection,
diode
measurement,
temperature
measurement,
continuity checking, low battery detection, auto
power off, re-power on, backlight driver, buzzer
driver and RS232 data output.
Application
Digital multimeter
Clamp meter


Número de pieza similar - ES251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES2510A ETC-ES2510A Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Descripción similar - ES251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
11,000 Counts Auto DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
3000 Counts Smart DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
22,000 Counts Auto DMM
ES218 CYRUSTEK-ES218 Datasheet
645Kb / 26P
2000 Counts Manual DMM
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
4000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
6000 Counts DMM
logo
HYCON Technology Corpor...
HY12P62 HYCON-HY12P62 Datasheet
781Kb / 26P
2000 Counts DMM Specialized IC
logo
Cyrustek corporation
ES219 CYRUSTEK-ES219 Datasheet
636Kb / 24P
2000 Counts DMM Easy
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com