Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC6115 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza LTC6115
Descripción Electrónicos  High Voltage High Side Current and Voltage Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTC6115 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6115 Datasheet HTML 2Page - Analog Devices LTC6115 Datasheet HTML 3Page - Analog Devices LTC6115 Datasheet HTML 4Page - Analog Devices LTC6115 Datasheet HTML 5Page - Analog Devices LTC6115 Datasheet HTML 6Page - Analog Devices LTC6115 Datasheet HTML 7Page - Analog Devices LTC6115 Datasheet HTML 8Page - Analog Devices LTC6115 Datasheet HTML 9Page - Analog Devices LTC6115 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC6115
6
Rev. A
For more information www.analog.com
CURRENT SENSE TYPICAL PERFORMANCE CHARACTERISTICS
Step Response 10mV to 20mV
(VOUTI)
Step Response 100mV (VOUTI)
Step Response 100mV (VOUTI)
Step Response Rising Edge
(VOUTI)
Step Response Falling Edge
(VOUTI)
PSRR vs Frequency (VOUTI)
V+–10mV
V+–20mV
1V
0.5V
TIME (10µs/DIV)
6115 G10
VOUTI
VSENSE
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 5kΩ
VSENSE+ = V+
V+
V+–100mV
5V
0V
TIME (10µs/DIV)
6115 G11
VOUTI
CLOAD = 1000pF
CLOAD = 10pF
VSENSE
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 5kΩ
VSENSE+ = V+
V+
V+–100mV
5V
0V
TIME (100µs/DIV)
6115 G12
VOUTI
VSENSE
TA = 25°C
V+ = 12V
CLOAD = 2200pF
RIN = 100Ω
ROUT = 5kΩ
VSENSE+ = V+
5.5V
5V
0.5V
0V
TIME (500ns/DIV)
6115 G13
VOUTI
VSENSE
∆VSENSE=100mV
IOUTI = 100µA
IOUTI = 0
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 5kΩ
VSENSE+ = V+
5.5V
5V
0.5V
0V
TIME (500ns/DIV)
6115 G14
VOUTI
∆VSENSE=100mV
IOUT = 100µ
IOUT = 0
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 5kΩ
VSENSE+ = V+
FREQUENCY (Hz)
0.1
1
10
100
1k
10k 100k 1M
6115 G15
160
140
120
100
80
60
40
20
0
RIN = 100Ω
ROUT = 10kΩ
COUT = 5pF
GAIN = 100
IOUTDC = 100µA
VSENSE = 50mVp
V+ = 5V
V+ = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com