Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB2S Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

No. de pieza MB2S
Descripción Electrónicos  VOLTAGE RANGE: 50 --- 1000 VCURRENT: 0.5A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YINT [Shanghai Yint Electronic Co., Ltd]
Página de inicio  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MB2S Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  MB2S Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MB2S Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MB2S Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VOLTAGE RANGE: 50 --- 1000 VCURRENT: 0.5A
Trustworthy electronic circuit protection expert
MB05S~MB10S
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Items
Test conditions
Symbol
Min
Type
Max
UNIT
Instantaneous forward voltage
IF=0.5A3)
VF
1.05
V
Reverse current
VR=VDC
TA = 25 ℃
IR
10
μA
TA = 125 ℃
500
Typical junction capacitance
4.0V, 1MHz
CJ
13
pF
3):Pulse test: 300μS pulse width,1% duty cycle.
Characteristics Curves (TA=25 ℃ unless otherwise noted)



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com