| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RS3BC Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
RS3BC Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd |
|
1 / 3 page ![]() Surface Mount Fast Recovery Rectifiers Trustworthy electronic circuit protection expert RS3AC THRU RS3 www.yint.com.cn 1 Rev:19.3 RS3AC THRU RS3 Features ● For surface mounted applications ● Low profile package ● Glass Passivated Chip Junction ● Easy to pick and place ● Fast reverse recovery time ● Lead free in comply with EU RoHS 2011/65/EU directives Mechanical Data ● Case: SMC ● Terminals: Solderable per MIL-STD-750, Method 2026 ● Approx. Weight: 0.22g / 0.0077oz Simplified outline SMC and symbol Pinning PIN DESCRIPTION 1 Cathode 2 Anode Absolute Maximum Ratings And Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Parameter Symbols RS3AC RS3BC RS3DC RS3GC RS3JC RS3KC RS3MC Units Maximum Repetitive Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current at Tc = 125 °C IF(AV) 3 A Peak Forward Surge Current 8.3 ms Single Half Sine Wave Superimposed on Rated Load IFSM 90 A Maximum Forward Voltage at 1 A VF 1.3 V Maximum DC Reverse Current Ta = 25 °C at Rated DC Blocking Voltage Ta =125 °C IR 5 100 μ A Typical Junction Capacitance at VR=4V f=1M Cj 40 pF Maximum Reverse Recovery Time(1) trr 150 250 500 ns Typical Thermal Resistance (2) RθJA RθJC 45 15 ℃ /W Operating and Storage Temperature Range Tj, Tstg -55 ~ +150 ℃ ( 1)Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A ( 2).P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas. |
Número de pieza similar - RS3BC |
|
Descripción similar - RS3BC |