| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WM8802 Datasheet(PDF) 60 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8802 Datasheet(HTML) 60 Page - Wolfson Microelectronics plc |
|
60 / 65 page ![]() WM8802 Product Preview w PP Rev 1.1 April 2004 60 READ REGISTER 4 (BURST PREAMBLE PC DATA) The burst preamble Pc data can be read with the demodulation function. The 16 bits of burst preamble Pc data are output as LSB. For read, the CCB address is set to OxED. The relation between the read register and burst preamble Pc data is shown below. REGISTER BIT NO. CONTENTS DO0 Bit 0 Data type DO1 Bit 1 DO2 Bit 2 DO3 Bit 3 DO4 Bit 4 DO5 Bit 5 Reserved DO6 Bit 6 DO7 Bit 7 Error DO8 Bit 8 Data type dependent DO9 Bit 9 information DO10 Bit 10 DO11 Bit 11 DO12 Bit 12 DO13 Bit 13 Bit stream number DO14 Bit 14 DO15 Bit 15 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |