| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DUM-4546L-C3310-R Datasheet(PDF) 1 Page - PUI audio inc. |
|
|
|||||||||||||||||||||||||||||
DUM-4546L-C3310-R Datasheet(HTML) 1 Page - PUI audio inc. |
|
|
1 / 1 page ![]() Microphone DUM-4546L-C3310-R M.V. M.V. B.R. 8/24/2017 - Designed by Checked by Approved by Drawn Date 1 / 1 Edition Sheet Date 8/24/2017 Date 8/24/2017 Date 8/24/2017 UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN MILLIMETERS, TOLERANCES ARE 0.5 AND ANGLES ARE 3 . DUM-4546L-C3310-R.idw A3 SIZE REVISION HISTORY LTR DESCRIPTION DATE APPROVED - RELEASED FROM ENGINEERING 8/24/2017 SPECIFICATIONS PARAMETERS VALUES UNIT DIRECTIVITY UNI - SENSITIVTY -46 4 dB STANDARD OPERATING VOLTAGE 2 Vdc MAX OPERATING VOLTAGE 10 Vdc CURRENT CONSUMPTION (MAX) 0.5 mA IMPEDANCE 2.2 KOhm SIGNAL TO NOISE RATIO (MIN.) 55 dB TERMINAL SOLDER PADS - INTERNAL CAPACITOR 33 & 10 pF OPERATING TEMPERATURE -20 ~ +60 C THIS DOCUMENT CONTAINS DATA PROPRIETARY TO PROJECTS UNLIMITED, INC. ANY USE OR REPRODUCTION, IN ANY FORM, WITHOUT PRIOR WRITTEN PERMISSION OF PROJECTS UNLIMITED, INC. IS PROHIBITED. 2003, Projects Unlimited Inc. NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS. 2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE. 3. THIS PART IS RoHS 2011/65/EU COMPLIANT. 8 0.1 0.25 0.1 4.5 0 (+) POSITIVE OUTPUT |
Número de pieza similar - DUM-4546L-C3310-R |
|
Descripción similar - DUM-4546L-C3310-R |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |