| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LNBEH21PD Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LNBEH21PD Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 22 page ![]() LNBEH21 2/22 Table 1: Ordering Codes Table 2: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 3: Thermal Data Figure 1: Pin Configuration (top view) TYPE PowerSO-20 (Tube) PowerSO-20 (Tape & Reel) LNBEH21 LNBEH21PD LNBEH21PD-TR Symbol Parameter Value Unit VCC DC Input Voltage -0.3 to 16 V VUP DC Input Voltage -03 to 25 V IO Output Current Internally Limited mA VOTX/RX DC Output Pins Voltage -0.3 to 25 V VI Logic Input Voltage (SDA, SCL, DSQIN, ISEL) -0.3 to 7 V VDETIN Detector Input Signal Amplitude -0.3 to 2 VPP VOH Logic High Output Voltage (DSQOUT) -0.3 to 7 V IGATE Gate Current ± 400 mA VSENSE Current Sense Voltage -0.3 to 1 V VADDRESS Address Pin Voltage -0.3 to 7 V Tstg Storage Temperature Range -40 to +150 °C Top Operating Junction Temperature Range -40 to +125 °C Symbol Parameter Value Unit Rthj-case Thermal Resistance Junction-case 2°C/W |