Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMBVS3T Datasheet(PDF) 4 Page - Banner Engineering Corp.

No. de pieza SMBVS3T
Descripción Electrónicos  VS3 Series Retroreflective Mode Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BANNER [Banner Engineering Corp.]
Página de inicio  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBVS3T Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMBVS3T Datasheet HTML 1Page - Banner Engineering Corp. SMBVS3T Datasheet HTML 2Page - Banner Engineering Corp. SMBVS3T Datasheet HTML 3Page - Banner Engineering Corp. SMBVS3T Datasheet HTML 4Page - Banner Engineering Corp. SMBVS3T Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Banner Engineering Corp., 9714 Tenth Ave. No., Minneapolis, MN 55441 • Phone: 763.544.3164 • www.bannerengineering.com • Email: sensors@bannerengineering.com
VS3 Series Retroreflective Mode
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty
period. This warranty does not cover damage or liability for the improper application of Banner products. This warranty is in lieu of any
other warranty either expressed or implied.
WARNING . . . Not To Be Used for Personnel Protection
Never use these products as sensing devices for personnel protection. Doing so could lead to serious injury or death.
These sensors do NOT include the self-checking redundant circuitry necessary to allow their use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output condition. Consult your current
Banner Safety Products catalog for safety products which meet OSHA, ANSI and IEC standards for personnel protection.
!
VS3 Series Mounting Brackets
SMBVS3S
• Right-angle bracket
• 300 series stainless steel
23.5 mm
(0.93")
5.0 mm
(0.20")
5.0 mm
(0.20")
.9 mm
(0.04")
16.0 mm
(0.63")
16.0 mm
(0.63")
13.5 mm
(0.53")
11.8 mm
(0.46")
4x 3.30 mm
(0.13")
40°
Ø13.5mm
(0.53")
Accessories
Quick-Disconnect (QD) Cables
Style
Models
Length
For Use With
Dimensions
Pinout
3-pin Pico Style
Straight
PKG3M-2
PKG3M-9
2 m (6.5')
9 m (30')
All VS3 Series sensors
with model suffix “Q”.
34.7 mm
(1.37")
9.6 mm
(0.38")
M8 x 1
Black Wire
Blue Wire
Brown Wire
51.6 mm
(2.03")
18.0 mm
(0.71")
0.9 mm
(0.04")
20.5 mm
(0.81")
13.5 mm
(0.53")
13.5 mm
(0.53")
3x 3.3 mm
(0.13")
6.0 mm
(0.24")
7.0 mm
(0.28")
40°
Ø13.5 mm
(0.53")
2x 3.2 mm
(0.13")
SMBVS3T
• Right-angle tall bracket
• 300 series stainless steel
3-pin Pico Style
Right-angle
PKW3M-2
PKW3M-9
2 m (6.5')
9 m (30')
23.5 mm
(0.93")
16.5 mm
(0.65")
ø9.6 mm
(0.38")
M8 x 1
Black Wire
Blue Wire
Brown Wire



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com