Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMBVS3S Datasheet(PDF) 3 Page - Banner Engineering Corp.

No. de pieza SMBVS3S
Descripción Electrónicos  VS3 Series Retroreflective Mode Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BANNER [Banner Engineering Corp.]
Página de inicio  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBVS3S Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMBVS3S Datasheet HTML 1Page - Banner Engineering Corp. SMBVS3S Datasheet HTML 2Page - Banner Engineering Corp. SMBVS3S Datasheet HTML 3Page - Banner Engineering Corp. SMBVS3S Datasheet HTML 4Page - Banner Engineering Corp. SMBVS3S Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VS3 Series Retroreflective Mode
page
3
Banner Engineering Corp. • Minneapolis, U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
VS3 Series Retroreflective Mode Sensor Dimensions
35.2 mm
(1.39")
14.2 mm
(0.56")
7.3 mm
(0.29")
16.6 mm
(0.65")
13.6 mm
(0.54")
25.4 mm
(1.00")
16.4 mm
(0.65")
9 mm
(0.35")
4.5 mm
(0.18")
35.2 mm
(1.39")
14.2 mm
(0.56")
7.3 mm
(0.29")
15.6 mm
(0.61")
12.6 mm
(0.50")
25.4 mm
(1.00")
16.4 mm
(0.65")
9 mm
(0.35")
4.5 mm
(0.18")
VS3...5XLV
VS3...5XLVQ
VS3...5XLP
VS3...5XLPQ
With
Straight
QD Cable
With
Integral
Cable
With
Right-angle
QD Cable
47 mm
(1.9")
30 mm
(1.2")
75 mm
(3.0")
ø3.2 mm
(0.13")
ø3.2 mm
(0.13")
VS3 Series Sensor Hookups
10-30V dc
–
+
bu
bn
bk
Load
10-30V dc
–
+
bn
bu
bk
Load
10-30V dc
–
+
bu
bn
bk
Load
10-30V dc
–
+
bn
bu
bk
Load
Sensors with NPN Outputs
Cabled Models
Quick-Disconnect Models
Quick-Disconnect Models
Sensors with PNP Outputs
Cabled Models



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com