Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STW12 Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

No. de pieza STW12
Descripción Electrónicos  Current-Relay STW12 AC-Detection, 12-channel, Single evaluation, OR-Circuit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Página de inicio  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

STW12 Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  STW12 Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
84
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
12 inputs (for transformer STWA1)
2 of these inputs with adjustable switching
threshold AC 0,5...5 AA
12 outputs (Open Collector) max. DC 40 V/40 mA
relay OR-linked (of all 12 inputs)
LED displays (1/channel)
Multiplex operation possible
Applications:
The current relay STW12 is used where AC-current
yes/no has to be evaluated, however, the exact value
of the current is not relevant. Examples are the control
of machines in suction plants or monitoring of the
mode of operation of loads (on, off or damaged). The
STW12 is suitable in particular for being used in con-
nection with a PLC.
Current-Relay STW12
AC-Detection, 12-channel, Single evaluation, OR-Circuit
Technical Data
The current relay STW12 moni-
tors the current flow yes/no of up
to 12 alternating-current circuits.
If there is an AC-current of ≥1 A
through a connected transformer
STWA 1, the according output
transistorswitchesandtheyellow
LED lights up.
All the OR inputs are linked at the
sametime.Ifacurrentisidentified
in at least one of the monitored
currentcircuits,arelay(1change-
over contact) picks up.
The STW12 is installed at an
open printed circuit board. The
lower part can be used for snap-
fastening on a 35 mm DIN-rail or
for screw fastening (option). The
supply voltage is DC 24.
This voltage can be used at the
sametimeforinquiryoftheoutput
transistors. When requesting the
outputs in 2 groups in multiplex
operation, only 8 I/Os of the PLC
are needed.
Power supply Us
Function
Transformer input
Overload cap.continous/max 10s
Switching points E1, E2
Tolerance
Switching points E3...E12
Switch-off delay
Switch-on delay
Output relay
Type of contact
Open Collector
Testing conditions
rated ambient temperature range
Dimensions H x B x T
Attachment
Protection housing / terminals
Weight
DC 20 - 30 V, < 2 VA
12-channel single/OR
1…12, type STWA 1
100 A / 300 A
adjustable, AC 0,5...5 A
± 20%
on ≤ AC 1 A
off ≥ AC 0,3 A
10 s.
approx. 0,5 s.
1 CO, 12 x Open-Collector
type 2 see "general technical informations"
max. DC 40 V/40 mA
see "general technical informations
"
-20°C…+55°C
design V 6: 90 x 105 x 32 [mm], 37-pole
on 35 mm DIN rail according to DIN EN 50 022 or with
screws M4 (option)
IP 30 / IP 20
approx. 135 g
Voltage Monitoring Type SW
GND
GND
GND GND E1 E2 E3 E4 E5
E6 E7 E8 E9 E10 E11 E12 18
15
16
GND +24V
A1 A2 A3
A4 A5 A6 A7 A8
A9 A10 A11 A12
GND
+24V I1
I2
24V
+
≥1
1 .... 12 Stromwandler/ current transformer STWA1(H)
STWA1H (+) = E1...E12
STWA1H (-) = GND
2015-09-04
STW12
Part number:
S225127
DC 20-30 V


Número de pieza similar - STW12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STW120NF10 STMICROELECTRONICS-STW120NF10 Datasheet
376Kb / 15P
N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
05-Oct-2006
STW120NF10 STMICROELECTRONICS-STW120NF10 Datasheet
946Kb / 21P
N-channel 100 V, 0.009 ohm, 110 A STripFET II Power MOSFET
11-May-2011
logo
Inchange Semiconductor ...
STW120NF10 ISC-STW120NF10 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW12N120K5 STMICROELECTRONICS-STW12N120K5 Datasheet
812Kb / 21P
Worldwide best FOM
08-Apr-2015
logo
Inchange Semiconductor ...
STW12N120K5 ISC-STW12N120K5 Datasheet
309Kb / 2P
N-Channel Super Junction MOSFET Transistor
More results

Descripción similar - STW12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6010 AVAGO-AEAT-6010 Datasheet
352Kb / 4P
10 or 12 bit Angular Detection Device
logo
Tyco Electronics
E22575 MACOM-E22575 Datasheet
113Kb / 4P
General Purpose Dry Circuit to 5A Multicontact AC or DC Relay
logo
Omron Electronics LLC
K8AB-AS OMRON-K8AB-AS Datasheet
906Kb / 10P
Single-phase Current Relay
logo
Tyco Electronics
9100 MACOM-9100 Datasheet
50Kb / 2P
Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6010 AVAGO-AEAT-6010_11 Datasheet
112Kb / 7P
10 or 12 bit Angular Detection Device Contactless sensing technologies
logo
ZIEHL industrie-elektro...
STW1K ZIEHL-STW1K Datasheet
349Kb / 1P
Current-Relay STW1K AC-Detection, OR-Evaluation of 1-8 Transformers
STW12V ZIEHL-STW12V Datasheet
266Kb / 1P
Current-Relay STW12V Current-Detection, OR-Evaluation, 12 Inputs, adjustable
STW20K ZIEHL-STW20K Datasheet
259Kb / 1P
Current-Relay STW20K AC-Detection, AND-Evaluation, 3 Transformers
STW20V ZIEHL-STW20V Datasheet
457Kb / 1P
Current-Relay STW20V AC-Detection, AND-Evaluation, 3 Transformers
STW81V ZIEHL-STW81V Datasheet
473Kb / 1P
Current relay STW81V 8-channel, single evaluation OR-circuit
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com