Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMBAMS18P Datasheet(PDF) 7 Page - Banner Engineering Corp.

No. de pieza SMBAMS18P
Descripción Electrónicos  MINI-BEAM짰 MIAD9 NAMUR Series Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BANNER [Banner Engineering Corp.]
Página de inicio  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBAMS18P Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button SMBAMS18P Datasheet HTML 2Page - Banner Engineering Corp. SMBAMS18P Datasheet HTML 3Page - Banner Engineering Corp. SMBAMS18P Datasheet HTML 4Page - Banner Engineering Corp. SMBAMS18P Datasheet HTML 5Page - Banner Engineering Corp. SMBAMS18P Datasheet HTML 6Page - Banner Engineering Corp. SMBAMS18P Datasheet HTML 7Page - Banner Engineering Corp. SMBAMS18P Datasheet HTML 8Page - Banner Engineering Corp. SMBAMS18P Datasheet HTML 9Page - Banner Engineering Corp. SMBAMS18P Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Dimensions
66.0 mm
(2.60")
12.2 mm (0.48")
Mounting Peg
(ø 6.3 mm x 2.5 mm)
ø 3 mm Clearance (2)
M18 x 1 x 15 mm Thread
(Mounting Nut Supplied)
3.2 mm
(0.13")
27.4 mm (1.08")
30.7 mm
(1.21")
24.1 mm
(0.95")
19.1 mm
(0.75")
2 m (6.5') Cable
Figure 2. Opposed, Retro, Diffuse, Convergent Models (Suffix E, R, LV, D, and CV)
51.8 mm
(2.04")
13.2 mm
(0.52")
18.0 mm
(0.71")
Bezel
Figure 3. Diffuse Models (suffix W)
Fiber Optic Fitting
69.9 mm
(2.75")
M12 x 1 Thread
Quick-disconnect
31.2 mm (1.23")
18.5 mm
(0.73")
Figure 4. Glass Fiber Models (suffix F)
Accessories
Quick-Disconnect (QD) Cables
4-Pin Threaded M12/Euro-Style Cordsets (for use with NAMUR sensors)
Model
Length
Style
Dimensions
Pinout (Female)
MQD9-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = Blue
MQD9-415
4.57 m (15 ft)
MQD9-430
9.14 m (30 ft)
MINI-BEAM® MIAD9 NAMUR Series Sensor
P/N 39616 Rev. L
www.bannerengineering.com - Tel: +1-763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com