| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SFECV10M7JA00-R0 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SFECV10M7JA00-R0 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd. |
|
10 / 57 page ![]() Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested to approve our product specification or to transact the approval sheet for product specification, before your ordering. P61E7.pdf 01.10.17 9 2 s Standard Land Pattern Dimensions (4) (1) (2) (3) 0.8 0.6 0.8 0.6 0.8 (1) : Input (2) : Ground (3) : Float Signal Line (4) : Out put (in mm) It shows solder resist land pattern. 0.1 0.1 s Test Circuit Rg=50 Ω R1=280 Ω R2=330 Ω C2=10pF (Including stray capacitance and Input capacitance of RF Voltmeter) RF Voltmeter E2 C2 E1 R2 R1 Rg S.S.G. =-10dBm (4) (1) (2) (3) (1) : Input (2) : Ground (3) : Float (4) : Output |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |