Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S501 Datasheet(PDF) 1 Page - UMPCO, Inc.

No. de pieza S501
Descripción Electrónicos  CLAMP, LOOPCUSHIONED, FOR 3/8 MOUNTING BOLT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMPCO [UMPCO, Inc.]
Página de inicio  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

S501 Datasheet(HTML) 1 Page - UMPCO, Inc.

  S501 Datasheet HTML 1Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JOGGLE
"R" RADIUS
.31
"T" METAL GAUGE
"D"
.12 GAP
"E"
STEEL STAMP "UMPCO"
& PART NUMBER
R
.750
.50
.75
(NEARSIDE)
.406
.500
(FARSIDE)
03/27/78
CALC. WGHT.
KWE
09/25/13
HAD
J
FOR 3/8 MOUNTING BOLT
HAD
P.O. BOX 5158
IS PROHIBITED.
PERMISSION OF UMPCO, INC
WHOLE WITHOUT THE WRITTEN
ASME­Y14.5M
B
SHEET 1 OF 1
SCALE: NONE
KEL
KEL
KEL
03/27/78
­
03/27/78
S501
± .015
± .03
PART AND/OR ASSEMBLY DESCRIPTION
PRINT NUMBER
ENGR
CHECKED
DRAWN
FSCM/CAGE CODE No. 18076
TOLERANCING PER:
BREAK SHARP EDGES .010 MAX
REMOVE ALL BURRS AND
EXCEPT AS NOTED:
GENERAL MACHINE FINISHES
UNLESS OTHERWISE SPECIFIED:
.XXX
.XX
DECIMAL:
ANGULAR:
ACT. WGHT.
REFERENCES:
SEE DRAWING CHANGE RECORD ON FILE.
X
± 5°
SIZE
1
2
3
4
5
6
7
8
1
3
8
4
7
2
5
6
A
B
C
D
E
D
C
A
E
B
CHANGE
DATE
BY
CHK'D
APPR
REV.
LIMITS ON DIMENSIONS
INTERPRET GEOMETRIC
GARDEN GROVE, CA. 92846
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF UMPCO, INC. ANY
REPRODUCTION IN PART OR AS A
7100 LAMPSON AVE.
CLAMP, LOOP­CUSHIONED,
­
"P"
1008/1020 LOW CARBON STEEL PER ASTM A 1008, ASTM A 109, QQ­S­698
COLOR: BLACK
1) CLAMPS FURNISHED IN THE NORMAL OPEN (SPRINGBACK) CONDITION.
:
"SS"
304/321 STAINLESS STEEL PER AMS 5513/AMS 5510
FINISH: ZINC PLATE GOLD PLUS SEALER PER ASTM B 633, Fe/Zn 13, TY. II
1" DIA. ALUM. CLAMP W/EPDM CUSHION
"D"
2024­T42 ALUMINUM ALLOY PER AMS­QQ­A­250/5
NOTES
FINISH: NONE
:
16
S501 D
"N"
GENERAL PURPOSE NEOPRENE PER AMS 3209
COLOR: BLACK
2) INSPECT PER MIL­C­8603 CLOSURE TEST.
DIA "D" IN 1/16" INCREMENTS
METAL:
CUSHION CODE
"H"
GENERAL PURPOSE SILICONE PER AMS 3303 WITH 100 PSI MIN. TEAR
METAL CODE (OMIT FOR "NO CODE")
"NO CODE" 1008/1020 LOW CARBON STEEL PER ASTM A 1008, ASTM A 109, QQ­S­698
BASIC DRAWING NUMBER
MATERIAL & FINISH CODES
COLOR: RED/ORANGE
FINISH: NONE
"C"
316 STAINLESS STEEL PER AMS 5524
FINISH: ZINC PLATE GOLD PER ASTM B 633, Fe/Zn 8, TY. II
FINISH: NONE
CUSHION:
:
"G"
GENERAL PURPOSE EPDM PER SAE J200 M3 BA 710 C12
G
EXAMPLE OF PART CALLOUT
DASH NO.
RANGE
"D" DIA.
RANGE
"E"
DIMENSION
"R"
RADIUS
"T"
GAUGE
­4 THRU ­16
1/4" TO 1"
"D"/2 + .514
.06
.050
­17 THRU ­96
1­1/16" TO 6"
"D"/2 + .534
.11
.062


Número de pieza similar - S501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eaton All Rights Reserv...
S501 EATON-S501 Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
S501-1-R COOPER-S501-1-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
S501-1-R EATON-S501-1-R Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
S501-1.25-R COOPER-S501-1.25-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
S501-1.25-R EATON-S501-1.25-R Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
More results

Descripción similar - S501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
UMPCO, Inc.
S179 UMPCO-S179 Datasheet
127Kb / 1P
CLAMP, LOOPCUSHIONED, COMMERCIAL,#10 MOUNTING SCREW
S225 UMPCO-S225 Datasheet
133Kb / 1P
CLAMP, LOOPCUSHIONED, #8 OR #10 MOUNTING SCREW
S228 UMPCO-S228 Datasheet
134Kb / 1P
CLAMP, LOOPCUSHIONED, 5/16" MOUNTING HOLE
S344 UMPCO-S344 Datasheet
131Kb / 1P
CLAMP, LOOPCUSHIONED, FOR TWO TUBES OF EQUAL DIAMETER 3/8 MOUNTING SCREW
S464 UMPCO-S464 Datasheet
133Kb / 1P
CLAMP, LOOPCUSHIONED, 3/8" MOUNTING HOLE
S466 UMPCO-S466 Datasheet
137Kb / 1P
CLAMP, LOOPCUSHIONED, MULTILINE, EQUAL DIAMETER, 3/8" MOUNTING HOLE
S470 UMPCO-S470 Datasheet
132Kb / 1P
CLAMP, LOOPCUSHIONED, MULTILINE, EQUAL DIAMETER, #8 & #10 MOUNTING HOLE
S471 UMPCO-S471 Datasheet
136Kb / 1P
CLAMP, LOOPCUSHIONED, MULTILINE, 3 TUBE, EQUAL DIAMETER #8 & #10 MOUNTING HOLE
S479 UMPCO-S479 Datasheet
132Kb / 1P
CLAMP, LOOPCUSHIONED, 5/16TH MOUNTING HOLE
S502 UMPCO-S502 Datasheet
134Kb / 1P
CLAMP, LOOPCUSHIONED, MULTILINE, FOR 3/8 MOUNTING BOLT
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com