Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S-1002 Datasheet(PDF) 22 Page - ABLIC Inc.

No. de pieza S-1002
Descripción Electrónicos  VOLTAGE DETECTOR WITH SENSE PIN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1002 Datasheet(HTML) 22 Page - ABLIC Inc.

Back Button S-1002 Datasheet HTML 18Page - ABLIC Inc. S-1002 Datasheet HTML 19Page - ABLIC Inc. S-1002 Datasheet HTML 20Page - ABLIC Inc. S-1002 Datasheet HTML 21Page - ABLIC Inc. S-1002 Datasheet HTML 22Page - ABLIC Inc. S-1002 Datasheet HTML 23Page - ABLIC Inc. S-1002 Datasheet HTML 24Page - ABLIC Inc. S-1002 Datasheet HTML 25Page - ABLIC Inc. S-1002 Datasheet HTML 26Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
VOLTAGE DETECTOR WITH SENSE PIN
S-1002 Series
Rev.1.1_03
22
Precautions
 Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
 In CMOS output product of the S-1002 Series, the feed-through current flows at the time of detection and release. If
the VDD pin input impedance is high, malfunction may occur due to the voltage drop by the feed-through current
when releasing.
 In CMOS output product, oscillation may occur if a pull-down resistor is connected and falling speed of the SENSE
pin voltage (VSENSE) is slow near the detection voltage when the VDD pin and the SENSE pin are shorted.
 When designing for mass production using an application circuit described herein, the product deviation and
temperature characteristics of the external parts should be taken into consideration. ABLIC Inc. shall not bear any
responsibility for patent infringements related to products using the circuits described herein.
 ABLIC Inc. claims no responsibility for any disputes arising out of or in connection with any infringement by
products including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com