Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CL50GRYAOSIPQ Datasheet(PDF) 4 Page - Banner Engineering Corp.

No. de pieza CL50GRYAOSIPQ
Descripción Electrónicos  CL50 Column Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BANNER [Banner Engineering Corp.]
Página de inicio  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CL50GRYAOSIPQ Datasheet(HTML) 4 Page - Banner Engineering Corp.

  CL50GRYAOSIPQ Datasheet HTML 1Page - Banner Engineering Corp. CL50GRYAOSIPQ Datasheet HTML 2Page - Banner Engineering Corp. CL50GRYAOSIPQ Datasheet HTML 3Page - Banner Engineering Corp. CL50GRYAOSIPQ Datasheet HTML 4Page - Banner Engineering Corp. CL50GRYAOSIPQ Datasheet HTML 5Page - Banner Engineering Corp. CL50GRYAOSIPQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimensions
M30 X 1.5
(Mounting Nut Included)
H
19
[0.75]
8.3
[0.33]
ø50
[1.97]
Internal Threads
1/2-14 NPSM
Max Torque 2.25 Nm
[20 in-lbs]
Column Light Height (H)
Non-Audible
114.2mm (4.5 in)
Standard Audible*
145.3mm (5.7 in)
Sealed Audible
168.2mm (6.6 in)
Omni-Directional Sealed Audible
182.2mm (7.2 in)
*Column Light (H) with top unscrewed approximately 3.5 mm to allow sound to escape
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Cordsets
4-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
5-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.50 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
1.83 m (6 ft)
MQDC1-515
4.57 m (15 ft)
MQDC1-530
9.14 m (30 ft)
MQDC1-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC1-515RA
4.57 m (15 ft)
MQDC1-530RA
9.14 m (30 ft)
CL50 Column Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 145315 Rev. O



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com