Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CL50GRYAOS4IPQ Datasheet(PDF) 3 Page - Banner Engineering Corp.

No. de pieza CL50GRYAOS4IPQ
Descripción Electrónicos  CL50 Column Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BANNER [Banner Engineering Corp.]
Página de inicio  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CL50GRYAOS4IPQ Datasheet(HTML) 3 Page - Banner Engineering Corp.

  CL50GRYAOS4IPQ Datasheet HTML 1Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 2Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 3Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 4Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 5Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Functional Truth Table: PNP Models
LED Function
Pin 4 (Black Wire)
Pin 1 (Brown Wire)
Pin 2 (White Wire)
Color 1 On
+V dc
Pin 3 (blue wire) connected to ground (–) .
Alarm models: Alarm function is independent of
light functions.
Color 2 On
+V dc
Color 3 On
+V dc
Color 3 On (color 3 inhibits color 1)
+V dc
+V dc
Color 2 On (color 2 inhibits color 1)
+V dc
+V dc
Color 3 On (color 3 inhibits color 2)
+V dc
+V dc
Color 3 On (color 3 inhibits colors 1 & 2)
+V dc
+V dc
+V dc
Functional Truth Table: NPN Models
LED Function
Pin 4 (Black Wire)
Pin 3 (Blue Wire)
Pin 2 (White Wire)
Color 1 On
–V dc
Pin 1 (brown wire) connected to +V dc.
Alarm models: Alarm function is independent of
light functions.
Color 2 On
–V dc
Color 3 On
–V dc
Color 3 On (color 3 inhibits color 1)
–V dc
–V dc
Color 2 On (color 2 inhibits color 1)
–V dc
–V dc
Color 3 On (color 3 inhibits color 2)
–V dc
–V dc
Color 3 On (color 3 inhibits colors 1 & 2)
–V dc
–V dc
–V dc
Specifications
Supply Voltage and Current
18 V dc to 30 V dc
Indicators–maximum current per LED color:
•
100 mA at 18 V dc
•
70 mA at 30 V dc
Standard Audible Alarm: 25 mA maximum current
Sealed Audible Alarm: 35 mA maximum current
Omni-Directional Sealed Audible Alarm: 45 mA maximum current
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Indicator Response Time
Indicator On/Off: 10 milliseconds maximum
Audible Alarm
Standard Audible Alarm: 2.7 KHz ± 500 Hz oscillation frequency; maximum intensity
92 db at 1 meter (3.3 ft) (typical)
Sealed Audible Alarm: 2.9 KHz ± 250 Hz oscillation frequency; maximum intensity 94
db at 1 meter (3.3 ft) (typical)
Omni-Directional Sealed Audible Alarm: 2.1 KHz ± 250 Hz oscillation frequency;
maximum intensity 99 db at 1m (3.3 ft) (typical)
Omni-Directional Sealed Audible Alarm with Intensity Adjustment: 2.1 KHz ± 250 Hz
oscillation frequency; maximum intensity 95 dB at 1m (3.3 ft) (typical)
Indicators
LEDs or audible are independently selected
Indicator Characteristics
Color
Dominant Wavelength (nm) or Color
Temperature (CCT)
Lumen Output (Typical at
25 °C)
Green
525 nm
72
Red
625 nm
38
Yellow
590 nm
30
Blue
475 nm
28
White
5000 K
85
Audible Adjustment
Standard Audible Alarm: Unscrew the cover (up to 1.5 turns maximum) to adjust the
audible intensity. Do not exceed 1.5 turns or the cover may detach during operation.
For maximum intensity, rotate the center plug 180° counterclockwise to remove it.
Sealed Audible Alarm and Omni-Directional Sealed Audible Alarm with Intensity
Adjustment: Rotate the front cover until the desired intensity is reached
Typical Reduction in Sound Intensity with Audible Adjustment (maximum to minimum):
•
Standard Audible: 30 dB
•
Sealed Audible: 20 dB
•
Omni-Directional Sealed Audible: 12 dB
Construction
Bases and Covers: ABS
Light Segment: Polycarbonate
Vibration and Mechanical Shock
Meets IEC 60068-2-6 requirements (Vibration: 10 Hz to 55 Hz, 1.0 mm amplitude, 5
minutes sweep, 30 minutes dwell)
Meets IEC 60068-2-27 requirements (Shock: 30G 11 ms duration, half sine wave)
Operating Conditions
Non-Audible: –40 °C to +50 °C (–40 °F to +122 °F)
Standard and Sealed Audible: –20 °C to +50 °C (–4 °F to +122 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
UL Type 4X Indoor and UL Type 13
Non-Audible and Sealed Audible: IEC IP67
Standard Audible: IEC IP50
Certifications
Connections
Integral 4-pin or 5-pin M12/Euro-style quick disconnect, 150 mm (6 in) PVC cable with
a M12/Euro-style quick disconnect, or 2 m (6.5 ft) integral PVC cable, depending on
model
Models with a quick disconnect require a mating cordset
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per the
supplied table.
Overcurrent protection may be provided with external fusing or via Current Limiting,
Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
CL50 Column Light
P/N 145315 Rev. O
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com