| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSR09B565MP Datasheet(PDF) 83 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR09B565MP Datasheet(HTML) 83 Page - Kemet Corporation |
|
83 / 84 page ![]() Free Air Cool 0123 4 56 25 50 75 100 125 150 175 200 225 250 Entrance to Solder Wave Exit from Solder Wave (Time in Wave – 2 to 4 Secs.) Hot Air Debridging Preheat Zone Flux Zone Entrance to Solder Machine Time (Minutes) 80 °C to 120 °C Solder Wave Peak Temperature 260 °C Exit from In-Line Cleaner (time in cleaner may be less) Immersion in Cleaning Vapor Top Side Nominal 150 °C Max. Free Air Cool Entrance to In-Line Cleaner Exit from Solder Machine Bottom Side Temperature Range Figure 13. KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 KEMET APPLICATION NOTES FOR TANTALUM CAPACITORS Optimum Solder Wave Profile ® |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |