Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMBACM Datasheet(PDF) 3 Page - Banner Engineering Corp.

No. de pieza SMBACM
Descripción Electrónicos  LED..B..QPMA Series Backlights
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BANNER [Banner Engineering Corp.]
Página de inicio  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBACM Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMBACM Datasheet HTML 1Page - Banner Engineering Corp. SMBACM Datasheet HTML 2Page - Banner Engineering Corp. SMBACM Datasheet HTML 3Page - Banner Engineering Corp. SMBACM Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P/N 119701
3
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
LED..B..QPMA Series Backlights
Accessory Mounting Brackets
SMBABM
• 13-ga. zinc-plated low-carbon steel
• (4) M4 Phillips flathead screws included
• For mounting light from front
• Accommodates backlight models LED..B70X70..
SMBACM
• 14-ga. zinc-plated low-carbon steel
• (4) M4 socket-head cap screws, washers and hex
key included
• For mounting light from rear
• Accommodates backlight models LED..B70X70..
SMBLD
• Accommodates backlight models LED..B85X220..
86.4 mm
(3.40")
60.9 mm
(2.40")
40.6 mm
(1.60")
2.3 mm
(0.09")
2x 12.7 mm
(0.50")
10.2 mm
(0.40")
30.5 mm
(1.20")
8.8 mm
(0.35")
5.1 mm
(0.20")
4.7 mm
(0.18")
2x Ø4.6 mm
(0.18")
C'sink ø8.3 mm
(0.33")
110.2 mm
(4.34")
10.2 mm
(0.40")
2x 22.9 mm
(0.90")
55.1 mm
(2.17")
94.0 mm
(3.70")
15.8 mm
(0.62")
61.0 mm
(2.40")
92.5 mm
(3.64")
8.1 mm
(0.32")
46.2 mm
(1.82")
2x 14.9 mm
(0.59")
2x M6 x 1
1/4-20
76.2 mm
(3.0")
40.6 mm
(1.6")
73.5 mm
(2.89")
12.7 mm
(0.50")
11.5 mm
(0.45")
10.2 mm
(0.40")
8.9 mm
(0.35")
2.3 mm
(0.09")
99.1 mm
(3.9")
2 x Ø 6.6 mm
(0.26")



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com