Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

WNSC101200 Datasheet(PDF) 8 Page - WeEn Semiconductors

No. de pieza WNSC101200
Descripción Electrónicos  Silicon Carbide Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEEN [WeEn Semiconductors]
Página de inicio  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNSC101200 Datasheet(HTML) 8 Page - WeEn Semiconductors

Back Button WNSC101200 Datasheet HTML 3Page - WeEn Semiconductors WNSC101200 Datasheet HTML 4Page - WeEn Semiconductors WNSC101200 Datasheet HTML 5Page - WeEn Semiconductors WNSC101200 Datasheet HTML 6Page - WeEn Semiconductors WNSC101200 Datasheet HTML 7Page - WeEn Semiconductors WNSC101200 Datasheet HTML 8Page - WeEn Semiconductors WNSC101200 Datasheet HTML 9Page - WeEn Semiconductors WNSC101200 Datasheet HTML 10Page - WeEn Semiconductors WNSC101200 Datasheet HTML 11Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WeEn Semiconductors
WNSC101200
Silicon Carbide Diode
WNSC101200
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2019. All rights reserved
2 July 2019
8 / 11
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD59A
TO-220AC (2-lead)
sod059a_po
15-03-24
15-03-30
Unit
mm
max
nom
min
4.7
4.3
1.40
1.15
1.70
1.17
0.65
0.45
15.8
15.6
6.8
6.4
5.08
(REF)
6.9
(REF)
16.25
15.70
3.80
3.53
A
Dimensions: (mm are the original dimensions)
Note
1. Protruded dambar are included in the dimension.
Plastic single-ended package; heatsink mounted; 1 mounting hole; 2-lead TO-220AC
SOD59A
A1
b
0.95
0.70
b1(1)
cD
D1
V
8.1
7.9
E1
E
10.30
9.65
eH
L
15.0
12.5
PQ
2.6
2.2
q
2.95
2.65
05
10 mm
scale
A1
Q
A
E1
E
P
C
e
V
q
D1
D
H
b1
b
L
11. Package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com