Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433VCT6 Datasheet(PDF) 73 Page - STMicroelectronics

No. de pieza STM32L433VCT6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCT6 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32L433VCT6 Datasheet HTML 69Page - STMicroelectronics STM32L433VCT6 Datasheet HTML 70Page - STMicroelectronics STM32L433VCT6 Datasheet HTML 71Page - STMicroelectronics STM32L433VCT6 Datasheet HTML 72Page - STMicroelectronics STM32L433VCT6 Datasheet HTML 73Page - STMicroelectronics STM32L433VCT6 Datasheet HTML 74Page - STMicroelectronics STM32L433VCT6 Datasheet HTML 75Page - STMicroelectronics STM32L433VCT6 Datasheet HTML 76Page - STMicroelectronics STM32L433VCT6 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 225 page
background image
DS11449 Rev 5
73/225
STM32L433xx
Pinouts and pin description
88
43 43 D4 A6 59 58 C3 93
B4
PB7
I/O FT_fla -
LPTIM1_IN2,
I2C1_SDA,
USART1_RX,
TSC_G2_IO4,
LCD_SEG21,
EVENTOUT
COMP2_INM,
PVD_IN
44 44 A5 C5 60 59 B4 94
A4
PH3-
BOOT0
I/O
-
-
EVENTOUT
-
45 45 B5 C6 61 60 B3 95
A3
PB8
I/O
FT_fl
-
I2C1_SCL, CAN1_RX,
LCD_SEG16,
SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1,
EVENTOUT
-
46 46 C5 B6 62 61 A3 96
B3
PB9
I/O
FT_fl
-
IR_OUT, I2C1_SDA,
SPI2_NSS,
CAN1_TX,
LCD_COM3,
SDMMC1_D5,
SAI1_FS_A,
EVENTOUT
-
--
-
-
- 62
-
-
-
VDD12
S
-
-
-
-
-
-
-
-
-
-
-
97
C3
PE0
I/O
FT_l
-
LCD_SEG36,
TIM16_CH1,
EVENTOUT
-
-
-
-
-
-
-
-
98
A2
PE1
I/O
FT_l
-
LCD_SEG37,
EVENTOUT
-
47 47 A6 A7 63 63 D4 99
D3
VSS
S
-
-
-
-
48 48 A7 A8 64 64 E4 100 C4
VDD
S
-
-
-
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of
the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the Backup
domain and RTC register descriptions in the RM0394 reference manual.
3. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13, PB4
pins and the internal pull-down on PA14 pin are activated.
Table 15. STM32L433xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com