Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CMD227C3 Datasheet(PDF) 5 Page - Custom MMIC Design Services, Inc.

No. de pieza CMD227C3
Descripción Electrónicos  Frequency Doubler, 8-15 GHz Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MMIC [Custom MMIC Design Services, Inc.]
Página de inicio  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD227C3 Datasheet(HTML) 5 Page - Custom MMIC Design Services, Inc.

  CMD227C3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD227C3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD227C3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD227C3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD227C3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD227C3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD227C3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD227C3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Output Return Loss @ +15 dBm Drive Level, F = 11.5 GHz Input, TA = 25
oC
Typical Performance
CMD227C3
Frequency Doubler, 8-15 GHz Input
ver 1.0 0218
Input Return Loss @ +15 dBm Drive Level, TA = 25
oC
-25
-20
-15
-10
-5
0
8
9
10
11
12
13
14
15
Input Frequency/GHz
-20
-15
-10
-5
0
16
18
20
22
24
26
28
30
Output Frequency/GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com