Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EM78P809N Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

No. de pieza EM78P809N
Descripción Electrónicos  8-BIT Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMC [ELAN Microelectronics Corp]
Página de inicio  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P809N Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM78P809N Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P809N Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P809N Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P809N Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P809N Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P809N Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P809N Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P809N Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P809N Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
EM78P809N
8-Bit Microcontroller
48
Product Specification (V1.0) 07.26.2005
(This specification is subject to change without further notice)
The Watchdog timer and prescaler are cleared.
Upon power on, the upper 2 bits of R3 are cleared.
Upon power on, the upper 2 bits of R4 are cleared.
Upon power on, the upper 3 bits of R5 are cleared.
The bits of CONT register are set to all “1” except bit 6 (INT flag).
ISFR0, ISFR1, ISFR2 register and IMR1, IMR2 registers are cleared.
The controller has two modes for power saving.
(1) SLEEP mode: R5 (SIS) = 1, SLEP instruction.
The internal oscillator is turned off and all system operation is halted.
(2) IDLE mode: R5 (SIS)= 0, SLEP instruction
The CPU core halts but the on-chip peripheral and oscillator circuit remain active.
4.14.2 Wake-up from SLEEP Mode:
(1) External /SLEEP pin
The controller will be waken up and execute the next instruction after entering SLEEP
mode. All the registers will maintain their original values before “SLEP” instruction was
executed.
(2) /RESET pin pull low
This will reset the controller and starts the program at address zero.
(3) WDT time out
This will reset the controller and run the program at address zero.
4.14.3 Wake-up from IDLE mode:
(1) All interrupt
In all these cases, user should always enable the circuit before entering IDLE mode.
After wake-up, all registers will maintain their original values before entering “SLEP”
instruction, then service an interrupt subroutine or proceed with next instruction by
setting individual interrupt enable bit. After servicing an interrupt sub-routine (“RETI”
instruction), the program will jump from “SLEP” instruction to the next instruction.
(2) /RESET pin pull low
This will reset the controller and run the program at address zero.
(3) WDT time out
This will reset the controller and run the program at address zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com