Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A29L004AV Datasheet(PDF) 36 Page - AMIC Technology

No. de pieza A29L004AV
Descripción Electrónicos  512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMICC [AMIC Technology]
Página de inicio  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L004AV Datasheet(HTML) 36 Page - AMIC Technology

Back Button A29L004AV Datasheet HTML 31Page - AMIC Technology A29L004AV Datasheet HTML 32Page - AMIC Technology A29L004AV Datasheet HTML 33Page - AMIC Technology A29L004AV Datasheet HTML 34Page - AMIC Technology A29L004AV Datasheet HTML 35Page - AMIC Technology A29L004AV Datasheet HTML 36Page - AMIC Technology A29L004AV Datasheet HTML 37Page - AMIC Technology A29L004AV Datasheet HTML 38Page - AMIC Technology A29L004AV Datasheet HTML 39Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
A29L004A Series
PRELIMINARY
(March, 2005, Version 0.0)
35
AMIC Technology, Corp.
Package Information
PLCC 32L Outline Dimension
unit: inches/mm
e
y
HD
D
13
GD
b1
b
GE
5
14
20
21
29
30
32
1
4
θ
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.134
-
-
3.40
A1
0.0185
-
-
0.47
-
-
A2
0.105
0.110
0.115
2.67
2.80
2.93
b1
0.026
0.028
0.032
0.66
0.71
0.81
b
0.016
0.018
0.021
0.41
0.46
0.54
C
0.008
0.010
0.014
0.20
0.254
0.35
D
0.547
0.550
0.553
13.89
13.97
14.05
E
0.447
0.450
0.453
11.35
11.43
11.51
e
0.044
0.050
0.056
1.12
1.27
1.42
GD
0.490
0.510
0.530
12.45
12.95
13.46
GE
0.390
0.410
0.430
9.91
10.41
10.92
HD
0.585
0.590
0.595
14.86
14.99
15.11
HE
0.485
0.490
0.495
12.32
12.45
12.57
L
0.075
0.090
0.095
1.91
2.29
2.41
y
-
-
0.003
-
-
0.075
θ
0
°
-
10
°
0
°
-
10
°
Notes:
1. Dimensions D and E do not include resin fins.
2. Dimensions GD & GE are for PC Board surface mount pad pitch
design reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com