Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PMDPB38UNE Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

No. de pieza PMDPB38UNE
Descripción Electrónicos  20 V dual N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMDPB38UNE Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PMDPB38UNE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMDPB38UNE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMDPB38UNE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMDPB38UNE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMDPB38UNE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMDPB38UNE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMDPB38UNE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMDPB38UNE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMDPB38UNE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NXP Semiconductors
PMDPB38UNE
20 V dual N-channel Trench MOSFET
PMDPB38UNE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
26 September 2012
2 / 13
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
S1
source TR1
2
G1
gate TR1
3
D2
drain TR2
4
S2
source TR2
5
G2
gate TR2
6
D1
drain TR1
7
D1
drain TR1
8
D2
drain TR2
Transparent top view
6
7
8
5
4
1
2
3
DFN2020-6 (SOT1118)
017aaa256
D1
S1
G1
D2
S2
G2
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMDPB38UNE
DFN2020-6
plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals; body 2 x 2 x 0.65 mm
SOT1118
4. Marking
Table 4.
Marking codes
Type number
Marking code
PMDPB38UNE
1S
5. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VDS
drain-source voltage
-
20
V
VGS
gate-source voltage
Tj = 25 °C
-8
8
V
VGS = 4.5 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
5
A
VGS = 4.5 V; Tamb = 25 °C
[1]
-
4
A
ID
drain current
VGS = 4.5 V; Tamb = 100 °C
[1]
-
2.6
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
16
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com