| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STR720-EVAL Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR720-EVAL Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() STR720-EVAL 2 Hardware 12/31 2.15 Option switch settings For switch position details, see Figure 6. Figure 6. Switch positions Table 7. Option switch settings Switch Schematic Description Default SW1 Section 4.1 on page 18 Reset Push to make SW2 Section 4.1 on page 18 Boot mode: 1-2 = Boot from internal ROM 2-3 = Boot from external flash See Figure 7 and Figure 8 on page 13. 2-3 SW3 Section 4.11 on page 28 SPI flash notW: 1-2 = Active 2-3 = Inactive 2-3 SW4 Section 4.11 on page 28 SPI flash notHOLD: 1-2 = Active 2-3 = Inactive 2-3 SW5 Section 4.10 on page 27 CAN transceiver select: L9669 / L9616 (default) Note SW5 and SW6 must be changed together. 1 = L9669 A = L9616 1 SW6 1 SW7 Section 4.10 on page 27 L9616 ASC speed: 1-2 = pull down = high speed 2-3 = pull up = low speed 2-3 SW8 Section 4.1 on page 18 Previous Push to make SW9 Section 4.1 on page 18 Next Push to make SW10 Section 4.1 on page 18 Select Push to make SW11 Section 4.1 on page 18 RTC reset Push to make 1-2 2-3 1 A 1 A 1A Microswitches Slide switches |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |