Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NX5312 Datasheet(PDF) 2 Page - California Eastern Labs

No. de pieza NX5312
Descripción Electrónicos  NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NX5312 Datasheet(HTML) 2 Page - California Eastern Labs

  NX5312 Datasheet HTML 1Page - California Eastern Labs NX5312 Datasheet HTML 2Page - California Eastern Labs NX5312 Datasheet HTML 3Page - California Eastern Labs NX5312 Datasheet HTML 4Page - California Eastern Labs NX5312 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PACKAGE DIMENSIONS (Units in mm)
NX5312 SERIES
*1 Focal Point: A point to get maximum optical output power from fiber.
PIN CONNECTIONS
1 (Case)
4
3
2
LD
PD
NX5312EK
1 (Case)
2
3
4
LD
PD
NX5312EH
BOTTOM VIEW
1
2
3
4
1.0±0.1
Focal Point*1
Reference
Plane
0.3+0.1
-0.0
x = ±300 m MAX.
y = ±300 m MAX.
µ
µ
2.0
φ
4– 0.45
φ
5.6+0.00
-0.03
φ
4.2±0.1
φ
3.55±0.1
φ
2.0
φ



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com