Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM324A Datasheet(PDF) 4 Page - Silicon Supplies

No. de pieza LM324A
Descripción Electrónicos  Quad Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SS [Silicon Supplies]
Página de inicio  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM324A Datasheet(HTML) 4 Page - Silicon Supplies

  LM324A Datasheet HTML 1Page - Silicon Supplies LM324A Datasheet HTML 2Page - Silicon Supplies LM324A Datasheet HTML 3Page - Silicon Supplies LM324A Datasheet HTML 4Page - Silicon Supplies LM324A Datasheet HTML 5Page - Silicon Supplies LM324A Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
Quad Operational Amplifier – LM324
Rev 1.0
16/06/18
 
 
DC Electrical Characteristics continued (T
A = 0°C to +70°C unless otherwise specified)
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
 
 
TYP
MAX
UNITS
25°C
25
100
-
Large-Signal Open-
Loop Voltage Gain
AVOL
 
VCC = 15V,
VO = 1V to 11V
RL ≥ 2KΩ
70°C
15
-
-
V/mV
VCC = 30V, RL=2KΩ
26
-
-
Output High-Level
Voltage swing
VOH
V
VCC = 30V, RL=10KΩ
27
28
-
 
Output Low-Level
Voltage swing
VOL
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
VCC = 5V, RL=10KΩ
-
5
20
mV
Common-Mode
Rejection Ratio
CMRR
VCC = 30V,
RS=10KΩ,
25°C
65
85
-
dB
Power Supply
Rejection Ratio
PSSR
VCC = 5V to 30V
25°C
65
100
-
dB
Channel Separation
VO1/VO2
f =1KHz to 20KHz
TA = 25°C
-
-120
-
dB
Output Short-Circuit
current to GND
ISC
VCC = 15V, VO = 0V
TA = 25°C
-
40
60
mA
25°C
20
40
-
Output Source
Current
ISOURCE
VIN+ = 1V, VIN- =0V,
VCC =15V, VO = 2V
70°C
10
20
-
mA
25°C
10
20
-
VIN+ = 0V, VIN- =1V,
VCC =15V, VO = 2V
70°C
5
8
-
mA
Output Sink Current
ISINK
VIN+ = 0V, VIN- =1V,
VCC =15V, VO = 0.2V,
TA = 25°C
12
50
-
µA
Typical Characteristics
FIGURE 1. Input Voltage Range versus
Supply Voltage
FIGURE 2. Voltage Gain
Page 4 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com