Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MC33078 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC33078
Descripción Electrónicos  DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33078 Datasheet(HTML) 4 Page - ON Semiconductor

  MC33078 Datasheet HTML 1Page - ON Semiconductor MC33078 Datasheet HTML 2Page - ON Semiconductor MC33078 Datasheet HTML 3Page - ON Semiconductor MC33078 Datasheet HTML 4Page - ON Semiconductor MC33078 Datasheet HTML 5Page - ON Semiconductor MC33078 Datasheet HTML 6Page - ON Semiconductor MC33078 Datasheet HTML 7Page - ON Semiconductor MC33078 Datasheet HTML 8Page - ON Semiconductor MC33078 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33078 MC33079
4
MOTOROLA ANALOG IC DEVICE DATA
Sink
Source
VCC = +15 V
VEE = –15 V
RL < 100 Ω
VID = 1.0 V
–55
°C
25
°C
VCC = +15 V
VEE = –15 V
125
°C
–55
°C
125
°C
25
°C
Figure 5. Input Bias Current versus
Common Mode Voltage
Figure 6. Input Common Mode Voltage
Range versus Temperature
Figure 7. Output Saturation Voltage versus
Load Resistance to Ground
Figure 8. Output Short Circuit Current
versus Temperature
Figure 9. Supply Current versus Temperature
Figure 10. Common Mode Rejection
versus Frequency
–15
–10
– 5.0
0
5.0
10
15
VCM, COMMON MODE VOLTAGE (V)
VCC = +15 V
VEE = –15 V
TA = 25°C
Voltage
Range
–VCM
– 55
– 25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
+VCM
VCC = +3.0 V to +15 V
VEE = –3.0 V to –15 V
∆VIO = 5.0 mV
VO = 0 V
TA, AMBIENT TEMPERATURE (°C)
– 55
– 25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
– 55
– 25
0
25
50
75
100
125
±10 V
±15 V
±15 V
±10 V
±5.0 V
±5.0 V
VCM = 0 V
RL = ∞
VO = 0 V
MC33078
MC33079
Supply Voltages
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
VCC = +15 V
VEE = –15 V
VCM = 0 V
∆VCM = ±1.5 V
TA = 25°C
RL, LOAD RESISTANCE TO GROUND (kΩ)
0
1.0
2.0
3.0
4.0
600
500
400
300
200
100
0
VCC –0
VCC –0.5
VCC –1.0
VCC –1.5
VEE +1.5
VEE +1.0
VEE +0.5
VEE +0
50
30
20
10
40
10
8.0
6.0
4.0
2.0
0
160
140
120
100
80
60
40
20
VCC –1.0
VCC –3.0
VCC –5.0
VEE +5.0
VEE +3.0
VEE +1.0
CMR = 20Log
+
∆ VCM
ADM
VCM
VO
× ADM
∆ VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com