Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KBPC1502 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

No. de pieza KBPC1502
Descripción Electrónicos  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Página de inicio  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

KBPC1502 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  KBPC1502 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd KBPC1502 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON BRIDGE RECTIFIERS
DN:T19814A0
https://www.microdiode.com
Rev:2019A0
Page :1
Reverse Voltage - 50 to 1000 Volts Forward Current -15.0 Amperes
KBPC15005 THRU KBPC1510
Features
Maximum Ratings And Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwisespecified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Mechanical Data
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260°C/10 seconds,5 lbs. (2.3kg) tension
Case : JEDEC KBPC-25 Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position: Any
Weight : 1.02 ounce, 29 grams
KBPC-25
Parameter
SYMBOLS
KBPC
15005
KBPC
1501
KBPC
1502
KBPC
1504
KBPC
1506
KBPC
1508
KBPC
1510
UNITS
Marking Code
MDD
KBPC
15005
MDD
KBPC
1501
MDD
KBPC
1502
MDD
KBPC
1504
MDD
KBPC
1506
MDD
KBPC
1508
MDD
KBPC
1510
Maximum repetitive peak reverse voltage
VRRM
5
0
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
3
0
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
5
0
100
200
400
600
800
1000
V
Maximum average forward
output rectified current at TC=55°C(Note 1)
I(AV)
15.0
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
300
A
Rating for Fusing(t<8.3ms)
I2t
373
A
2s
Maximum instantaneous forward voltage
drop per birdge element at
7.5A
VF
1.0
V
Maximum DC reverse current
TA=25°C
at rated DC blocking voltage
TA=100°C
IR
10
μA
1.0
mA
Isolation voltage from case to leads
VIOS
2500
VAC
Typical Thermal Resistance (Note 2)
RθJA
2.0
°C/W
Operating junction temperature range
TJ
-
65 to +125
°C
storage temperature range
TSTG
-
65 to +150
°C
0.543(13.8)
(0.8x6.4)
Dimensions in inches and (millimeters)
.452
(11.5)
MAX.
0.480(12.2)
0.425(10.8)
1.181(30.0)
1.102(28.0)
0.673(17.1)
0.633(16.1)
HOLE FOR
NO.8 SCREW
0.033x0.250
1.181(30.0)
1.102(28.0)
0.673(17.1)
0.633(16.1)
0.582(14.8)
0.732(18.6)
0.692(17.6)
AC
AC
-
+
NOTES:
1.Unit mounted on 5” x 4” x3” thick(12.8cmx10.2cmx7.3cmcm)Al.plate.
2.Bolt dowm on heat-sink with silicone thermal compound between bridge and mounting surface for
maximum heat transfer efficiency with #8 screw.


Número de pieza similar - KBPC1502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
KBPC1502 WTE-KBPC1502 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC1502 SEMTECH-KBPC1502 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1502 SSE-KBPC1502 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC1502 CHENYI-KBPC1502 Datasheet
174Kb / 2P
SINGLE PHASE SILICON SINGLE PHASE SILICON
logo
Dc Components
KBPC1502 DCCOM-KBPC1502 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Descripción similar - KBPC1502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com