Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KBPC1502W Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

No. de pieza KBPC1502W
Descripción Electrónicos  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Página de inicio  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

KBPC1502W Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  KBPC1502W Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd KBPC1502W Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON BRIDGE RECTIFIERS
DN:T19814A0
https://www.microdiode.com
Rev:2019A0
Page :1
Reverse Voltage - 50 to 1000 Volts Forward Current -15.0 Amperes
KBPC15005W THRU KBPC1510W
Features
Maximum Ratings And Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwisespecified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Mechanical Data
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260°C/10 seconds,5 lbs. (2.3kg) tension
Case : JEDEC KBPC-25W Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position: Any
Weight : 0.93 ounce, 26.4 grams
KBPC-25W
Parameter
SYMBOLS
KBPC
15005W
KBPC
1501W
KBPC
1502W
KBPC
1504W
KBPC
1506W
KBPC
1508W
KBPC
1510W
UNITS
Marking Code
MDD
KBPC
15005W
MDD
KBPC
1501W
MDD
KBPC
1502W
MDD
KBPC
1504W
MDD
KBPC
1506W
MDD
KBPC
1508W
MDD
KBPC
1510W
Maximum repetitive peak reverse voltage
VRRM
5
0
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
3
0
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
5
0
100
200
400
600
800
1000
V
Maximum average forward
output rectified current at TC=55°C(Note 1)
I(AV)
15.0
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
300
A
Rating for Fusing(t<8.3ms)
I2t
373
A
2s
Maximum instantaneous forward voltage
drop per birdge element at
7.5A
VF
1.0
V
Maximum DC reverse current
TA=25°C
at rated DC blocking voltage
TA=100°C
IR
10
μA
1.0
mA
Isolation voltage from case to leads
VIOS
2500
VAC
Typical Thermal Resistance (Note 2)
RθJA
2.0
°C/W
Operating junction temperature range
TJ
-
65 to +125
°C
storage temperature range
TSTG
-
65 to +150
°C
NOTES:
1.Unit mounted on 5” x 4” x3” thick(12.8cmx10.2cmx7.3cmcm)Al.plate.
2.Bolt dowm on heat-sink with silicone thermal compound between bridge and mounting surface for
maximum heat transfer efficiency with #8 screw.
Dimensions in inches and (millimeters)
0.452
(11.5)
0.042(1.10) DIA.
0.038(0.97)
1.181(30.0)
1.102(28.0)
0.673(17.1)
0.633(16.1)
HOLE FOR
NO.8 SCREW
0.033x.250
(0.8x6.4)
1.181(30.0)
1.102(28.0)
0.468(11.9)
0.429(10.9)
0.732(18.6)
0.692(17.6)
AC
AC
-
+
MAX.
0.591
(15.0)
MAX.
0.732(18.6)
0.692(17.6)


Número de pieza similar - KBPC1502W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
KBPC1502W WTE-KBPC1502W Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Diotec Semiconductor
KBPC1502W DIOTEC-KBPC1502W Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
logo
Won-Top Electronics
KBPC1502W WTE-KBPC1502W Datasheet
54Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC1502W DAESAN-KBPC1502W Datasheet
231Kb / 2P
CURRENT 15.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBPC1502W BILIN-KBPC1502W Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Descripción similar - KBPC1502W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com