Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RMB8F Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

No. de pieza RMB8F
Descripción Electrónicos  GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Página de inicio  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

RMB8F Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  RMB8F Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd RMB8F Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
DN:T19807A0
https://www.microdiode.com
Rev:2019A0
Page :1
Voltage Range - 200 to 1000 Volts Current - 0.5/0.8 Ampere
RMB2F THRU RMB10F
Features
Maximum Ratings And Electrical Characteristics
Ratings at 25 °C ambient temperature unle ss otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Mechanical Data
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic technique
High temperature soldering guaranteed: 260°C /10 seconds at 5
lbs., (2.3kg) tension Small size, simple installation
Leads solderable per MIL-STD-202, Method 208
High surge current capability
Glass passivated chip junction
Green compound(halogen&Sb2O3 free)
Case : JEDEC MBF Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position: Any
Weight : 0.0026 ounce, 0.075 grams
MBF
MAX
Dimensions in inches and (millimeters)
Parameter
SYMBOLS
RMB2F
RMB4F
RMB6F
RMB8F
RMB10F
UNITS
Marking Code
MDD
RMB2F
MDD
RMB4F
MDD
RMB6F
MDD
RMB8F
MDD
RMB10F
Maximum repetitive peak reverse voltage
VRRM
200
400
600
80
1000
V
Maximum RMS voltage
VRMS
140
280
420
56
700
V
Maximum DC blocking voltage
VDC
200
400
600
80
1000
V
Maximum average forward rectified current
On glass-epoxy P.C.B.(Note1)
On aluminum substrate(Note2)
F(AV)
0.5
0.8
A
Peak forward surge current,
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Maximum instantaneous forward voltage drop
per leg at 0.4A
VF
1.3
V
Maximum DC reverse current
TA=25°C
at rated DC blocking voltage
TA=100°C
IR
5
500
uA
uA
Maximum reverse recovery time
trr
150
250
200
ns
Typicalthermalresistance
RθJL
RθJA
30
88
°C/W
Operating temperature range
TJ
-55to+150
°C
storage temperature range
TSTG
-55to+150
°C
I
Note: 1. Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A.
2. Mountedon glass epoxy PC boardwith4
×1.5"×1.5"(3.81×3.81 cm)copper pad.


Número de pieza similar - RMB8F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
RMB8F DYELEC-RMB8F Datasheet
2Mb / 3P
PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RMB8F ZSELEC-RMB8F Datasheet
88Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
RMB8F CHENDA-RMB8F Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
logo
Thinki Semiconductor Co...
RMB8F THINKISEMI-RMB8F Datasheet
462Kb / 8P
THINKISEMIS FAST RECOVERY TYPE MINIATURE SURFACE MOUNT BRIDGE RECTIFIERS
20210604-V2
logo
DIYI Electronic Technol...
RMB8FU DYELEC-RMB8FU Datasheet
2Mb / 3P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results

Descripción similar - RMB8F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FB40 EIC-FB40 Datasheet
45Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FW005G EIC-FW005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FWL005G EIC-FWL005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
RABS2 CHENDA-RABS2 Datasheet
246Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152 Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_17 Datasheet
321Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152_17 Datasheet
367Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_V01 Datasheet
523Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com