| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSA6372MA2DB-T Datasheet(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSA6372MA2DB-T Datasheet(HTML) 5 Page - Microchip Technology |
|
5 / 26 page ![]() SPREAD SPECTRUM Ordering Code Spread Percentage Spread Type A ±0.25% Center-Spread B ±0.5% Center-Spread C ±1.0% Center-Spread D ±1.5% Center-Spread E ±2.0% Center-Spread F ±2.5% Center-Spread G –0.25% Down-Spread H –0.5% Down-Spread I –1.0% Down-Spread J –1.5% Down-Spread K –2.0% Down-Spread L –3.0% Down-Spread M Custom Center-Spread or Down-Spread TEMPERATURE SPECIFICATIONS (Note 1) Parameters Sym. Min. Typ. Max. Units Conditions Temperature Ranges Junction Operating Temperature TJ –40 — +150 °C — Storage Ambient Temperature Range TA –55 — +150 °C — Soldering Temperature TS — +260 — °C 40 sec. max. Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the max- imum allowable power dissipation will cause the device operating junction temperature to exceed the max- imum +150°C rating. Sustained junction temperatures above +150°C can impact the device reliability. 2019 Microchip Technology Inc. DS20006189A-page 5 DSA63XX |