| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSA6301ML2DB-T Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSA6301ML2DB-T Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 26 page ![]() Microchip Technology Drawing C04-1199A Sheet 2 of 2 REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. 1. 2. 3. Notes: Pin 1 visual index feature may vary, but must be located within the hatched area. Package is saw singulated Dimensioning and tolerancing per ASME Y14.5M 4-Lead Very Thin Fine Pitch Land Grid Array (ARA) - 1.6x1.2 mm Body [VFLGA] For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Number of Terminals Overall Height Overall Width Terminal Length Substrate Thickness (with Terminals) Terminal Pitch Standoff Units Dimension Limits A1 A b2 A3 e L E N 1.20 BSC 0.20 REF 0.325 0.30 0.79 0.00 0.35 0.375 0.84 0.02 1.20 BSC MILLIMETERS MIN NOM 4 0.425 0.40 0.89 0.05 MAX CH 0.125 -- Terminal 1 Index Chamfer Overall Length D 1.60 BSC Terminal Width b1 0.25 0.30 0.35 Terminal Width Terminal Pitch e1 0.75 BSC 2019 Microchip Technology Inc. DS20006189A-page 13 DSA63XX |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |