| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSA6332HA1KB-T Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSA6332HA1KB-T Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 26 page ![]() DSA63XX DS20006189A-page 4 2019 Microchip Technology Inc. Output Logic Levels VOH 0.8 x VDD — — V Output Logic High, I = 3 mA, Std. Drive Output Logic High, I = 6 mA, High Drive VOL — — 0.2 x VDD V Output Logic Low, I = –3 mA, Std. Drive Output Logic Low, I = –6 mA, High Drive Output Transition Time Rise Time/Fall Time tRX/tFX — 1 1.5 ns DSA61x2 High Drive, 20% to 80% CL = 15 pF VDD = 1.8V — 0.5 1.0 ns VDD = 2.5V/3.3V tRY/tFY — 1.2 2.0 ns DSA61x1 Std Drive, 20% to 80% CL = 10 pF VDD = 1.8V — 0.6 1.2 ns VDD = 2.5V/3.3V Period Jitter, RMS JPER — 8.5 — psRMS fOUT = 27 MHz, Spread Off VDD = 1.8V — 7 — VDD = 2.5V/3.3V Cycle-to-Cycle Jitter (Peak) JCy–Cy — 50 70 ps fOUT = 27 MHz, Spread Off VDD = 1.8V — 35 60 VDD = 2.5V/3.3V Period Jitter (Peak-to-Peak) JPP — 70 — ps fOUT = 27 MHz, Spread Off VDD = 1.8V — 60 — VDD = 2.5V/3.3V Spread Spectrum Modulation Frequency fSS — 33 — kHz — ELECTRICAL CHARACTERISTICS (CONTINUED) Electrical Characteristics: Unless otherwise indicated, VDD = 1.8V –5% to 3.3V +10%, TA = –40°C to +125°C. Parameters Sym. Min. Typ. Max. Units Conditions Note 1: Pin 4 VDD should be filtered with 0.1 μF capacitor. 2: Not including current through pull-up resistor on EN pin (if configured). 3: Includes frequency variations due to initial tolerance, temp. and power supply voltage. 4: Input waveform must be monotonic with rise/fall time < 10 ms 5: Output Disable time takes up to two periods of the output waveform + 200 ns. 6: For parts configured with OE, not Standby. 7: Output is enabled if pad is floated or not connected. 8: Time to reach 90% of target VDD. Power ramp rise must be monotonic. |