Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL2MOS5401EV Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza SL2MOS5401EV
Descripción Electrónicos  Addendum contactless chip card module specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL2MOS5401EV Datasheet(HTML) 2 Page - NXP Semiconductors

  SL2MOS5401EV Datasheet HTML 1Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 2Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 3Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 4Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 5Page - NXP Semiconductors SL2MOS5401EV Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
168230
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 3.0 — 15 January 2009
2 of 6
NXP Semiconductors
SL2MOS5401
Addendum contactless chip card module specification
4. Limiting values
[1]
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any conditions other
than those described in the Operating Conditions and Electrical Characteristics section of this specification
is not implied.
[2]
This product includes circuitry specifically designed for the protection of its internal devices from the
damaging effects of excessive static charge. Nonetheless, it is suggested that conventional precautions be
taken to avoid applying greater than the rated maxima.
[3]
MIL-STD-883D, Method 3015.7, Human Body Model.
[4]
The voltage between LA and LB is limited by the on-chip voltage limitation circuitry (corresponding to
parameter ILA-LB).
Table 2.
Limiting values [1][2]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Processing temperature: refer to “Contactless chip card module specification”
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
−25
+85
°C
VESD
electrostatic discharge voltage
[3]
-
±2kVpeak
Imax LA-LB maximum input peak current
−60
+60
mApeak
Tjop
operating junction temperature
−25
+85
°C
ILA-LB
input current
[4]
-30
mArms



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com